Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1AK006WMABG Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-K1AK006WMABG
Description  POWER RELAY 1 POLE - 12A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AK006WMABG Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FTR-K1AK006WMABG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FTR-K1 SERIES
n
CHARACTERISTIC DATA
00
90
80
70
60
50
40
30
20
0
0
.2
.0
0.8
0.6
0.4
0.2
0
2A
0A
CoilTemperatureRise
CoilPower(W)
FTR-K-MA,-MB
2.5
2.0
.5
.0
0.5
00
80
60
40
20
0
2A
0A
mustoperatevoltage(hotcoil)
mustoperatevoltage(coolcoil)
Ambienttemperature(ºC)
OperatingRange
0
20
50
00 200
500 000
0.
0.2
0.5

2
5
0
20
50
FTR-K-MA,-MB
DCresistive
ACresistive
ContactVoltage(V)
MaximumSwitchingPower
0
3
6
9
2
0
50
00
200
500
000
000
AC250Vresistive
DC24Vresistive
AC250Vcosφ=0.7
DC24Vτ=7ms
AC250Vcosφ=0.4
DC24Vτ=15ms
20
30
300
FTR-K-MA,-MB
ContactCurrentLoad(A)
LifeCurve
0 0 20 30 40 50 60 70 80 90 00
0
0
20
30
40
50
60
70
80
90
00
FTR-KAK02W-MA
N=00
NominalVoltageMultiplyingFactor
DistributionofOperation&
ReleaseVoltage
Operate
Release
0
1
2
3
4
5
6
7
8
9 0
0
0
20
30
40
50
60
70
80
90
00
FTR-KAK02W-MA
n=00
Time(ms)
DistributionofOperation&
ReleaseTime
Operate
Release
N=00
FTR-KAK02W-MA
00
90
80
70
60
50
40
30
20
0
0
50
40
30
20
0
0
ContactResistance(mΩ)
DistributionofContactResistance
Makecontact


Similar Part No. - FTR-K1AK006WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK006W- FUJITSU-FTR-K1AK006W- Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK006W-HT FUJITSU-FTR-K1AK006W-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1AK006W-LA FUJITSU-FTR-K1AK006W-LA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK006W-LB FUJITSU-FTR-K1AK006W-LB Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK006W-MA FUJITSU-FTR-K1AK006W-MA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1AK006WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com