Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B4SB012Z Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-B4SB012Z
Description  ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4SB012Z Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-B4SB012Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4SB012Z Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FTR-B4 Series
5
n
CHARACTERISTIC DATA
0
0.3
5
0
0.2
0.1
4
3
2
1
n=10
FTR-B4GA4.5Z
CoilPower(W)
Operation
(returntimecharacteristics)
Operationtime
Release
0
1A
0.3
0.2
0.1
80
60
40
20
0
CoilPower(W)
Coiltemperaturerise
0A
1A
100
80
60
40
20
0
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
0A
Standard
AmbientTemperature
AmbientTemperature(oC)
Operatingvoltage
(hotcoil)
Operatingvoltage
(coolcoil)
30
5
10
50 100
1
200
0.1
0.2
0.3
0.4
0.5
1
2
MaximumSwitchingPower
ContactVoltage(V)
ACResistive
DCResistive
Standardlatch
50
40
30
20
10
0
100
1.2
1.0
0.8
0.6
0.4
0.2
0
LifeCurve
ContactCurrent(A)
30VDCResistive
125VDCResistive
Standard
●Standardtype
●Latchingtype
FTR-B4GB4.5Z
n=10
1
2
3
4
0.1
0.2
0
5
0.3
0
CoilPower(W)
Operation
(returntimecharacteristics)
Operationtime
Release
90
80
70
60
50
40
FTR-B4GB4.5Z
n=10
100
50
5
10
1
0.5
200
100
Time(ms)
PulseCharacteristics
set/reset
0
20
40
60
80
(?)
0.1
0.2
0.3
0
1A
CoilPower(W)
Coiltemperaturerise
0A
0
20
40
60
80
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1A
0A
AmbientTemperature
AmbientTemperature(oC)
Operatingvoltage
(hotcoil)
Operatingvoltage
(coolcoil)
2
1
0.5
0.4
0.3
0.2
0.1
200
1
100
50
10
5
30
MaximumSwitchingPower
ContactVoltage(V)
ACResistive
DCResistive
Latch
0
0.2
0.4
0.6
0.8
1.0
1.2
100
0
10
20
30
40
50
LifeCurve
ContactCurrent(A)
30VDCResistive
125VDCResistive
Latch


Similar Part No. - FTR-B4SB012Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4SB012Z-B05 FUJITSU-FTR-B4SB012Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
More results

Similar Description - FTR-B4SB012Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com