Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-J2AK024W Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-J2AK024W
Description  Ultra small High Voltage DC Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-J2AK024W Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-J2AK024W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 6Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 7Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

FTR-J2 Series
n
ORDERING INFORMATION
FTR-J2 A K 02 W–RG
[Example]
(a) (b) (c) (d) (e)(f)
n
FEATuRES
l
0A,450VDChigh-voltageswitching
l
Contactvoltagedrop:typical0.V
l
InrushCurrent50A(Capacitiveload)
l
Compactsize(LxWxH=24x23.5x27mm)
l
2xformA
l
CoilsensitivityW
l
Highinsulationbetweencontactsandcoil
-Insulationdistance :Clearance/creepage>6mm
-Dielectricstrength :4,000VAC
-Surgestrength
:0,000V
l
Plastic materials conform to UL94 flame class V-0
l
RoHSCompliant
l
Optionaltransparentcover
FTR-J2 Series
ulTRA SMAll HIGH VOlTAGE
DC RElAy
Note:Thedesignationnameisprintedonthetopoftherelayasfollows:
(Example:
Orderedtype:FTR-J2AK02W
Printing:J2AK02W
RoHS compliant
(a) Seriesname
FTR-J2series
(b) Contactarrangement
A:2xformA
(c) Coil
K:Standardsensitivity
(d) Nominalcoilvoltage
PleaserefertoCOILDATACHART
(e) Contactmaterial
W:silveralloy
(f)
Optional
RG:Transparentcover


Similar Part No. - FTR-J2AK024W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2AK024W FUJITSU-FTR-J2AK024W Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK024W FUJITSU-FTR-J2AK024W Datasheet
494Kb / 10P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
More results

Similar Description - FTR-J2AK024W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2 FUJITSU-FTR-J2_12 Datasheet
494Kb / 10P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 FUJITSU-FTR-J2_10 Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
   ULTRA SMALL AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
   High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
   High Voltage DC Relay
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
   High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
   High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
   High Voltage DC Relay
SEV150 SANYOU-SEV150 Datasheet
155Kb / 4P
   High Voltage DC Relay
SEC250 SANYOU-SEC250 Datasheet
720Kb / 4P
   High Voltage DC Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com