Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-JRJB018W Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-JRJB018W
Description  POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-JRJB018W Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-JRJB018W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-JRJB018W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-JRJB018W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-JRJB018W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-JRJB018W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-JRJB018W Datasheet HTML 6Page - Fujitsu Component Limited. FTR-JRJB018W Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image

FTR-JR SERIES
To be
Discon
Tinue
D
n
ORDERING INFORMATION
FTR-JR J B 02 W–**
[Example]
(a) (b)(c) (d) (e)(f)
n
FEATuRES
l
Pole6Aslimrelaywith#87Tabterminal
l
NominalPower:530mW(35%powerreduction
comparedtoVRSeries)
l
Cadmiumfreecontacts
l
Insulationdistance:9.5mm,Dielectricstrength:5KVAC
Surgevoltage0KVAC
l
JB:
Tabterminalandcontactterminalareconnected
electrically
JC:Tabterminalandcontactterminalarenot
connectedelectrically
l
UL Class B (130 ˚C), Flamability 94V-0
l
SAFETYSTANDARDS
UL,CSA,VDE
l
RoHS compliant since date code: 0434R
Pleaseseepage5formoreinformation
FTR-JR Series
POWER RELAY
1 POLE 16 A—SLIM POWER RELAY
n
APPLICATIONS
l
Mircrowaveovenmagnetron,andheater
Note:Thedesignationnameisstampedonthetopoftherelaycaseasfollows:
(Example:Designationordered:FTR-JRJB02W
Stamp: JRJB02W
C
l
)
a
(
e
m
a
N
s
e
ir
e
S
s
e
ir
e
S
R
J
-
R
T
F
)
b
(
t
n
e
m
e
g
n
a
r
r
A
t
c
a
t
n
o
a (#187)
n
i
m
r
e
t
b
a
T
:
J
)
c
(
e
p
y
T
li
o
C
)
d
e
t
c
e
n
n
o
c
s
l
a
n
i
m
r
e
t
B
C
P
d
n
a
B
A
T
(
W
m
0
3
5
:
B
)
d
e
t
c
e
n
n
o
c
n
u
s
l
a
n
i
m
r
e
t
B
C
P
d
n
a
B
A
T
(
W
m
0
3
5
:
C
)
d
(
e
g
a
tl
o
V
l
a
n
i
m
o
N
li
o
C
C
D
V
2
1
:
2
1
0
C
D
V
8
1
:
8
1
0
C
D
V
4
2
:
4
2
0
)
e
(
l
a
ir
e
t
a
M
t
c
a
t
n
o
C
y
o
ll
a
r
e
v
li
S
:
W
)f
(
n
o
it
a
n
g
i
s
e
D
m
o
t
s
u
C
r
e
b
m
u
N
l
a
i
c
e
p
S
RoHS compliant


Similar Part No. - FTR-JRJB018W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2 FUJITSU-FTR-J2 Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK005W FUJITSU-FTR-J2AK005W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2AK005W FUJITSU-FTR-J2AK005W Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK006W FUJITSU-FTR-J2AK006W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
More results

Similar Description - FTR-JRJB018W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com