Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F2PL024T Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-F2PL024T
Description  1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F2PL024T Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-F2PL024T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F2PL024T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F2PL024T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F2PL024T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F2PL024T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F2PL024T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F2PL024T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F2PL024T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-F2P Series
n
PART NuMBERS
Highsensitivity(PL)andhighsensitivity/highisolation(PM)(250mW)
OrderingPartNumber
Series
Contact
CoilPower
CoilVoltage
ContactMateriPM
FTR-F2PL005T
FTR-F2 formA
L:250mW
(High
sensitivity)
5
Silvertinoxide
FTR-F2PL006T
6
FTR-F2PL009T
9
FTR-F2PL02T
2
FTR-F2PL08T
8
FTR-F2PL024T
24
FTR-F2PM005T
M:250mW
(High
sensitivity/
highisolation)
5
FTR-F2PM006T
6
FTR-F2PM009T
9
FTR-F2PM02T
2
FTR-F2PM08T
8
FTR-F2PM024T
24
n
COIL DATA CHART
Highsensitivity(PL)andhighsensitivity/highisolation(PM)(250mW)
CoilVoltage
Nominal
Voltage(VDC)
Max.Coil
Voltage*
CoilResistance
(±0%)
MustOperate
Voltage*2
MustRelease
Voltage*2
005
5
8.5VDC
100 Ω
3.5VDC
0.25VDC
006
6
0.2VDC
145 Ω
4.2VDC
0.3VDC
009
9
5.3VDC
325 Ω
6.3VDC
0.45VDC
02
2
20.4VDC
575 Ω
8.4VDC
0.6VDC
08
8
30.6VDC
1,245 Ω
2.6VDC
0.9 VDC
024
24
40.8VDC
2,310 Ω
6.8VDC
.2VDC
Note:Allvaluesinthetablearemeasuredat20°C.
*:Nocontactcurrentat20°C
*2: Specified values are subject to pulse wave voltage


Similar Part No. - FTR-F2PL024T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA005T FUJITSU-FTR-F2AA005T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA006T FUJITSU-FTR-F2AA006T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA009T FUJITSU-FTR-F2AA009T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA012T FUJITSU-FTR-F2AA012T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - FTR-F2PL024T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H3 FUJITSU-FTR-H3_10 Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-H3 FUJITSU-FTR-H3_07 Datasheet
451Kb / 7P
   SILENT POWER RELAY 1 POLE- 78A/120A INRUSH CURRENT TYPE
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com