Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B3SB003Z Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-B3SB003Z
Description  ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3SB003Z Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-B3SB003Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3SB003Z Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Ftr-B3 series
Remarks: Actual marking on relay would not carry code FTR and be as below:
Ordering code: FTR-B3GA012Z-B10
Actual marking: B3GA012Z
Note: *:
- Only surface mount types (G and S) are applicable
- All relays are packaged in tubes unles P/N ends with -B10
FTR-B3
G B 012 Z -B
10
[Example]
(a)
(b) (c) (d) (e) (f) (g)
n
OrDerING INFOrMatION
(a) Series Name
FTR-B3 series
(b) Terminal Type
C: through hole
G: surface mount
S: surface mount, space saving
(c) Operation Function
A: standard type
B: latching type (1 coil)
(d) Rated voltage of coil
1.5 : 1.5 VDC
009 : 9VDC
003 : 3VDC
012: 12 VDC
4.5 : 4.5VDC
024 : 24VDC
006: 6VDC
(e) Contact material
Z: gold overlay silver nickel (standard)
P: gold overlay silver palladium
(f)
Relay enclosing direction*
B: standard enclosing direction
(g) Number of relays per reel*
10: 1,000 (standard)
n
Part NuMBers
Ordering Part Number
Series Terminal Type
Operation
Coil Voltage Contact Material
FTR-B3CA1.5Z
FTR-B3
C: through
hole
A: mono-stable
(standard type)
1.5
Z: Au-Ag-Ni
P: Au-Ag-Pd
FTR-B3CA003Z
3
FTR-B3CA4.5Z
4.5
FTR-B3CA006Z
6
FTR-B3CA009Z
9
FTR-B3CA012Z
2
FTR-B3CA024Z
24
FTR-B3GA1.5Z
G: surface
mount
1.5
FTR-B3GA003Z
3
FTR-B3GA4.5Z
4.5
FTR-B3GA006Z
6
FTR-B3GA009Z
9
FTR-B3GA012Z
2
FTR-B3GA024Z
24
FTR-B3SA1.5Z
S: space sav-
ing surface
mount
1.5
FTR-B3SA003Z
3
FTR-B3SA4.5Z
4.5
FTR-B3SA006Z
6
FTR-B3SA009Z
9
FTR-B3SA012Z
2
FTR-B3SA024Z
24
Standard type


Similar Part No. - FTR-B3SB003Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3SB003Z-B10 FUJITSU-FTR-B3SB003Z-B10 Datasheet
1Mb / 11P
   MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
FTR-B3SB003Z-RF FUJITSU-FTR-B3SB003Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3SB003Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com