Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F3HA Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-F3HA
Description  POWER RELAY 1 POLE 5A SLIM TYPE RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F3HA Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-F3HA Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F3HA Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F3HA Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F3HA Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F3HA Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F3HA Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F3HA Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image

n
ORDERING INFORMATION
FTR-F3A A 012 E–HA
[Example]
(a) (b)(c) (d) (e)(f)
n
FEATuREs
l
HIGHDENSITYMOUNTING
Slimtypewith7mmwidthand142mm2mountingspace
l
HIGHISOLATION
Insulation Distance: Minimum 6mm between coil and
contact(conformstoIEC60065)
DielectricStrength:4KV
SurgeStrength:10KV
l
HIGHCOILSENSITIVITY
Nominalcoilpowerconsumptionof200mW
l
CADMIUMFREECONTACTFORECO-PROGRAM
l
SAFETYSTANDARDS
UL,CSA,VDE,SEMKO,CQC
l
Plasticsealedrelay
l
RoHScompliantsincedatecode:0435R1,0432R2,
0429R3,0434R4,0437L2
Pleaseseepage6formoreinformation
FTR-F3-HA series
POWER RELAY
 POLE 5A sLIM TYPE RELAY
Remarks:ActualmarkingonrelaywouldnotcarrycodeFTRandbeasbelow:
Orderingcode
Actualmarking
FTR-F3AA012E→
F3AA012E
)
a
(
e
m
a
N
s
e
ir
e
S
3
F
-
R
T
F
)
b
(
t
n
e
m
e
g
n
a
rr
A
t
c
a
t
n
o
C
)
O
N
-
T
S
P
S
(
A
m
r
o
F
1
:
A
)
c
(
e
p
y
T
li
o
C
)
W
m
0
0
2
(
d
r
a
d
n
a
t
S
:
A
)
d
(
e
g
a
tl
o
V
l
a
n
i
m
o
N
li
o
C
C
D
2
1
:
2
1
0
C
D
5
:
5
0
0
C
D
8
1
:
8
1
0
C
D
6
:
6
0
0
C
D
4
2
:
4
2
0
C
D
9
:
9
0
0
)
e
(
l
a
ir
e
t
a
M
t
c
a
t
n
o
C
nickel
r
e
v
li
S
:
E
)f
(
g
n
it
a
R
t
c
a
t
n
o
C
5A sealing confirmed
:
HA
RoHs compliant


Similar Part No. - FTR-F3HA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3 Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA005E FUJITSU-FTR-F3AA005E Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005EHA FUJITSU-FTR-F3AA005EHA Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
More results

Similar Description - FTR-F3HA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com