Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F2AK005T Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-F2AK005T
Description  POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F2AK005T Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-F2AK005T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F2AK005T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F2AK005T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F2AK005T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F2AK005T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F2AK005T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F2AK005T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F2AK005T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FTR-F2 Series
0 0 20 30 40 50 60 70 80 90 00
0
0
20
30
40
50
60
70
80
90
00
FTR-F2AK02T
N=00
DistributionofOperate
&ReleaseVoltage
Operate
Release
NominalVoltageMult.Factor(%)
0
2
4
6
8
0
2
4
0
20
40
60
80
00
FTR-F2AK02T
N=00
DistributionofContactResistance
Make
Contact Resistance (mΩ)
0
2
4
6
8
10 12 14 16 18 20
100
80
60
40
20
Distribution of Contact
Resistance
Contact Resistance (mΩ)
Make
n=100
FTR-F2AK012T
50
20
10
5
0
1
2
3
4
Contact load current (A)
5
FTR-F2
100
AC250 V
DC30 V
AC250V COS ø=0.7
DC30 V t=7ms
Life Curve
AC250V COS ø=0.4
DC30 V t=15ms
0
20
40
60
80
100
2.0
1.8
1.6
1.4
1.2
0.6
1.0
0.8
Operating Range
Ambient Temperature (C)
0A
5A
Must operate
voltage
(hot coil)
Must operate
voltage (cool
coil)
FTR-F2K
0
20
40
60
80
100
2.0
1.8
1.6
1.4
1.2
0.6
1.0
0.8
Operating range
Ambient temperature (°C)
0 A
5 A
Operate
voltage
of hot coil
Operate
voltage
of cool coil
FTR-F2L
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
1.2
Coil Temperature Rise
Coil Power (W)
5A
0A
10
20
50
100
200
500
10
5
2
1
0.5
0.2
Maximum Switching Power
Contact Voltage (V)
DC Resistive
AC Resistive
FTR-F2
n
REFERENCE DATA


Similar Part No. - FTR-F2AK005T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F2AK005T FUJITSU-FTR-F2AK005T Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
More results

Similar Description - FTR-F2AK005T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com