Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS18-3F3-A400 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # PTS18-3F3-A400
Description  PT, PTS, PTS/I cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS18-3F3-A400 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  PTS18-3F3-A400 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS18-3F3-A400 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS18-3F3-A400 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PTS18-3F3-A400 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
1052
Ferroxcube
PT, PTS, PTS/I cores and accessories
PTS18/11
(1811THS)
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.770
mm−1
Ve
effective volume
1070
mm3
Ie
effective length
28,7
mm
Ae
effective area
37.2
mm2
Amin
minimum area
31.0
mm2
m
mass of set
≈ 5.0
g
handbook, halfpage
7.4
±0.2
CBW112
10.6
±0.15
10.5 min.
15.15
±0.25
18.0
±0.4
3.1
±0.075
7.4
±0.15
11.94
±0.2
Fig.1 PTS18/11 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 20
±5N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C81
100
±3%
≈ 61
≈ 600
PTS18/11-3C81-A100
160
±3%
≈ 98
≈ 340
PTS18/11-3C81-A160
250
±3%
≈ 153
≈ 200
PTS18/11-3C81-A250
315
±3%
≈ 193
≈ 150
PTS18/11-3C81-A315
400
±5%
≈ 245
≈ 120
PTS18/11-3C81-A400
3000
±25%
≈ 1830
≈ 0
PTS18/11-3C81
3C91
3000
±25%
≈ 1830
≈ 0
PTS18/11-3C91
3F3
100
±3%
≈ 61
≈ 600
PTS18/11-3F3-A100
160
±3%
≈ 98
≈ 340
PTS18/11-3F3-A160
250
±3%
≈ 153
≈ 200
PTS18/11-3F3-A250
315
±3%
≈ 193
≈ 150
PTS18/11-3F3-A315
400
±5%
≈ 245
≈ 120
PTS18/11-3F3-A400
2225
±25%
≈ 1365
≈ 0
PTS18/11-3F3


Similar Part No. - PTS18-3F3-A400

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTS1812 EATON-PTS1812 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Cooper Bussmann, Inc.
PTS181212V150 COOPER-PTS181212V150 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
PTS181212V150 COOPER-PTS181212V150 Datasheet
680Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Eaton All Rights Reserv...
PTS181212V150 EATON-PTS181212V150 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Cooper Bussmann, Inc.
PTS181213V075 COOPER-PTS181213V075 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
More results

Similar Description - PTS18-3F3-A400

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PT23 FERROXCUBE-PT23 Datasheet
60Kb / 5P
   PT, PTS, PTS/I cores and accessories
PTS30 FERROXCUBE-PTS30 Datasheet
45Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT14 FERROXCUBE-PT14 Datasheet
64Kb / 6P
   PT, PTS, PTS/I cores and accessories
PTS40 FERROXCUBE-PTS40 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS34 FERROXCUBE-PTS34 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT18 FERROXCUBE-PT18 Datasheet
53Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS14 FERROXCUBE-PTS14 Datasheet
54Kb / 5P
   PT, PTS, PTS/I cores and accessories
PTS23 FERROXCUBE-PTS23 Datasheet
50Kb / 4P
   PT, PTS, PTS/I cores and accessories
I100 FERROXCUBE-I100 Datasheet
42Kb / 3P
   U, I cores and accessories
U25-16-6 FERROXCUBE-U25-16-6 Datasheet
44Kb / 3P
   U, I cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com