Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS30-3C96 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # PTS30-3C96
Description  PT, PTS, PTS/I cores and accessories
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS30-3C96 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  PTS30-3C96 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS30-3C96 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS30-3C96 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Supersedes data of September 2004
2008 Sep 01
FERROXCUBE
PTS30/19/I
PT, PTS, PTS/I cores and
accessories


Similar Part No. - PTS30-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PTS34 FERROXCUBE-PTS34 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS34-3C92 FERROXCUBE-PTS34-3C92 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS34-3C94 FERROXCUBE-PTS34-3C94 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS34-3C96 FERROXCUBE-PTS34-3C96 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
logo
PFC Device Inc.
PTS3V100 PFC-PTS3V100 Datasheet
565Kb / 5P
   3A 100V HPTR Schottky Rectifier
More results

Similar Description - PTS30-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PT23 FERROXCUBE-PT23 Datasheet
60Kb / 5P
   PT, PTS, PTS/I cores and accessories
PT14 FERROXCUBE-PT14 Datasheet
64Kb / 6P
   PT, PTS, PTS/I cores and accessories
PTS40 FERROXCUBE-PTS40 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS18 FERROXCUBE-PTS18 Datasheet
51Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS34 FERROXCUBE-PTS34 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT18 FERROXCUBE-PT18 Datasheet
53Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS14 FERROXCUBE-PTS14 Datasheet
54Kb / 5P
   PT, PTS, PTS/I cores and accessories
PTS23 FERROXCUBE-PTS23 Datasheet
50Kb / 4P
   PT, PTS, PTS/I cores and accessories
I100 FERROXCUBE-I100 Datasheet
42Kb / 3P
   U, I cores and accessories
U25-16-6 FERROXCUBE-U25-16-6 Datasheet
44Kb / 3P
   U, I cores and accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com