Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-H2AK009T Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-H2AK009T
Description  4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H2AK009T Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-H2AK009T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H2AK009T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H2AK009T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H2AK009T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H2AK009T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H2AK009T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H2AK009T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H2AK009T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

DISCONTINUED
FTR-B2 SERIES
4 Pole (2 FORM C+ 2 FORM A)
Signal Relay for Central Switching/
Data Transmission
n
FEATURES
l
4 POLE MINIATURE RELAY
Mounting space of 75mm2 with 4 pole relay, suitable for high
density mounting.
l
SAFETY STANDARD
- UL/CSA recognized
-ConformstoBellcorespecification&FCCpart68
-ConformstoIEC60950/UL1950/EN60950spacing
and high breakdown voltage
Clearance: 1.0mm
Creepage: 1.6mm
l
HIGH RELIABILITY
Bifurcated gold overlay silver alloy
l
HIGH HEAT RESISTANCE, FLAMMABILITY
Flammabilitygradeof94V-0materialsemployed
l
AIR TIGHT CONSTRUCTION
Airtightconstructionallowshighresistancetovariousenvironments
and to clean the relay
l
SMTVERSION
Surface mount type available on request
l
RoHScompliantsincedatecode:0430B8
Please see page 7 for more information
Remarks: Actual marking on relay would not carry code FTR and be as below:
Ordering code
Actual marking
FTR-B2MA012Z→
B2MA012Z
n
ORDERING INFORMATION
FTR-B2M A 012 Z–**
[Example]
(a)
(b) (c) (d) (e) (f)
RoHS compliant


Similar Part No. - FTR-H2AK009T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H2AK009T FUJITSU-FTR-H2AK009T Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - FTR-H2AK009T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
   Dual-Pole, 2-Form-A OptoMOS Relay
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
   40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
   2 Form A slim power relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com