Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-C2GA012G Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FTR-C2GA012G
Description  SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-C2GA012G Datasheet(HTML) 8 Page - Fujitsu Component Limited.

  FTR-C2GA012G Datasheet HTML 1Page - Fujitsu Component Limited. FTR-C2GA012G Datasheet HTML 2Page - Fujitsu Component Limited. FTR-C2GA012G Datasheet HTML 3Page - Fujitsu Component Limited. FTR-C2GA012G Datasheet HTML 4Page - Fujitsu Component Limited. FTR-C2GA012G Datasheet HTML 5Page - Fujitsu Component Limited. FTR-C2GA012G Datasheet HTML 6Page - Fujitsu Component Limited. FTR-C2GA012G Datasheet HTML 7Page - Fujitsu Component Limited. FTR-C2GA012G Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FTR-K1 SERIES
Japan
F�jits�C�mp�nentLimited
G�tanda-C���B�ildin�
3-5,Hi�as�i��tanda2-c��me,S�ina�awa-k�
T�ky�4,Japan
Tel:(8-3)5449-700
Fax:(8-3)5449-2626
Email:pr�m�t�q@ft.ed.f�jits�.c�m
Web:www.fcl.f�jits�.c�m
North and South America
F�jits�C�mp�nents��merica,Inc.
250E.CaribbeanDrive
S�nnyvale,C��94089U.S.��.
Tel:(-408)745-4900
Fax:(-408)745-4970
Email:c�mp�nents@�s.f�jits�.c�m
Web:�ttp://�s.f�jits�.c�m/c�mp�nents
Europe
F�jits�C�mp�nentsE�r�peB.V.
Diamantlaan25
232WVH��fdd�rp
Net�erlands
Tel:(3-23)556090
Fax:(3-23)5560950
Email:inf�@fce�.f�jits�.c�m
Web:emea.f�jits�.c�m/c�mp�nents/
Asia Pacific
F�jits�C�mp�nents��siaLtd.
02EPasirPanjan�R�ad
#0-0CitilinkWare���seC�mplex
Sin�ap�re8529
Tel:(65)6375-8560
Fax:(65)6273-302
Email:fcal@fcal.f�jits�.c�m
Web:�ttp://www.f�jits�.c�m/s�/services/micr�/c�mp�nents/
Fujitsu Components International Headquarter Offices
©200F�jits�C�mp�nentsE�r�peB.V.��llri��tsreserved.��lltrademarks�rre�isteredtrademarksaret�epr�perty�ft�eirrespective
�wners.
T�ec�ntents,dataandinf�rmati�nint�isdatas�eetarepr�videdbyF�jits�C�mp�nentLtd.asaservice�nlyt�its�serand�nlyf�r�en-
eralinf�rmati�np�rp�ses.
T�e�se�ft�ec�ntents,dataandinf�rmati�npr�videdint�isdatas�eetisatt�e�sers’�wnrisk.
F�jits��asassembledt�isdatas�eetwit�careandwillendeav�rt�keept�ec�ntents,dataandinf�rmati�nc�rrect,acc�rate,c�mpre�en-
sive,c�mpleteand�pt�date.
Fujitsu Components Europe B.V. and affiliated companies do however not accept any responsibility or liability on their behalf, nor on behalf
�fitsempl�yees,f�ranyl�ss�rdama�e,direct,indirect�rc�nseq�ential,wit�respectt�t�isdatas�eet,itsc�ntents,data,andinf�rmati�n
andrelated�rap�icsandt�ec�rrectness,reliability,acc�racy,c�mpre�ensiveness,�sef�lness,availabilityandc�mpletenesst�ere�f.
Nor do Fujitsu Components Europe B.V. and affiliated companies accept on their behalf, nor on behalf of its employees, any responsibility
or liability for any representation or warrant of any kind, express or implied, including warranties of any kind for merchantability or fitness for
partic�lar�se,wit�respectt�t�esedatas�eets,itsc�ntents,data,inf�rmati�nandrelated�rap�icsandt�ec�rrectness,reliability,acc�racy,
c�mpre�ensiveness,�sef�lness,availabilityandc�mpletenesst�ere�f.Rev.Marc�5,200
FTR-C2 SERIES


Similar Part No. - FTR-C2GA012G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2GA012GB05 FUJITSU-FTR-C2GA012GB05 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
More results

Similar Description - FTR-C2GA012G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C1 FUJITSU-FTR-C1 Datasheet
357Kb / 9P
   POWER RELAY 2 POLES-2A High Insulation/wide Gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com