Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ26-3C90-E250 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # PQ26-3C90-E250
Description  PQ cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PQ26-3C90-E250 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  PQ26-3C90-E250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PQ26-3C90-E250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PQ26-3C90-E250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PQ26-3C90-E250 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PQ26-3C90-E250 Datasheet HTML 5Page - Ferroxcube International Holding B.V. PQ26-3C90-E250 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
2
Ferroxcube
PQ cores and accessories
PQ26/25
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.451
mm−1
Ve
effective volume
6530
mm3
Ie
effective length
54.3
mm
Ae
effective area
120
mm2
Amin
minimum area
108
mm2
m
mass of set
≈ 36
g
handbook, halfpage
;;;;
;;;;
;;;;
;;;;
;;;;
MBE690
10.5
min
15.5 min
27.3
± 0.46
19
± 0.45
24.7
± 0.25
16.1
± 0.3
6
min
12
± 0.2
22.5
± 0.46
Fig.1 PQ26/25 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 60
±15 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
250
±3%
≈ 90
≈ 730
PQ26/25-3C81-E250
315
±3%
≈ 113
≈ 550
PQ26/25-3C81-A315
400
±3%
≈ 144
≈ 420
PQ26/25-3C81-A400
630
±3%
≈ 227
≈ 240
PQ26/25-3C81-A630
1000
±5%
≈ 360
≈ 140
PQ26/25-3C81-A1000
6010
±25%
≈ 2160
≈ 0
PQ26/25-3C81
3C90
250
±3%
≈ 90
≈ 730
PQ26/25-3C90-E250
315
±3%
≈ 113
≈ 550
PQ26/25-3C90-A315
400
±3%
≈ 144
≈ 420
PQ26/25-3C90-A400
630
±3%
≈ 227
≈ 240
PQ26/25-3C90-A630
1000
±5%
≈ 360
≈ 140
PQ26/25-3C90-A1000
5250
±25%
≈ 1890
≈ 0
PQ26/25-3C90
3C91
6010
±25%
≈ 2160
≈ 0
PQ26/25-3C91
3C94
5250
±25%
≈ 1890
≈ 0
PQ26/25-3C94
3C95
6010
±25%
≈ 2160
≈ 0
PQ26/25-3C95
3C96
4700
±25%
≈ 1690
≈ 0
PQ26/25-3C96


Similar Part No. - PQ26-3C90-E250

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
PQ26-20-K-12P-2620-2 FERYSTER-PQ26-20-K-12P-2620-2 Datasheet
98Kb / 1P
   PQ-26-20-K-12P-2620-2
PQ26-25-K-12P-2625 FERYSTER-PQ26-25-K-12P-2625 Datasheet
138Kb / 1P
   PHENOLIC PM-9820
More results

Similar Description - PQ26-3C90-E250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ35 FERROXCUBE-PQ35 Datasheet
69Kb / 6P
   PQ cores and accessories
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
   PQ cores and accessories
PQ40 FERROXCUBE-PQ40 Datasheet
52Kb / 4P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CPV-PQ16-1S-14P-Z FERROXCUBE-CPV-PQ16-1S-14P-Z Datasheet
22Kb / 1P
   PQ cores and accessories
logo
TDK Electronics
B65881A TDK-B65881A Datasheet
1Mb / 6P
   Ferrites and Accessories PQ Cores
logo
EPCOS
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
B65876E0014D001 EPCOS-B65876E0014D001 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
logo
TDK Electronics
B65876E0014D001 TDK-B65876E0014D001 Datasheet
177Kb / 5P
   Ferrites and Accessories PQ Cores
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com