Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-C2CA012G Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTR-C2CA012G
Description  SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-C2CA012G Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FTR-C2CA012G Datasheet HTML 1Page - Fujitsu Component Limited. FTR-C2CA012G Datasheet HTML 2Page - Fujitsu Component Limited. FTR-C2CA012G Datasheet HTML 3Page - Fujitsu Component Limited. FTR-C2CA012G Datasheet HTML 4Page - Fujitsu Component Limited. FTR-C2CA012G Datasheet HTML 5Page - Fujitsu Component Limited. FTR-C2CA012G Datasheet HTML 6Page - Fujitsu Component Limited. FTR-C2CA012G Datasheet HTML 7Page - Fujitsu Component Limited. FTR-C2CA012G Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FTR-K1 SERIES
FTR-C2 SERIES
1. General Information
l
��llsi�nalandp�werrelayspr�d�cedbyF�jits�C�mp�nentsarec�mpliantwit�R�HSdirective2002/95EC
incl�din�amendments.
l
Cadmi�mas�sedinelectricalc�ntactsisexemptedfr�mt�eR�HSdirectives�nOct�ber2st,2005.
(��mendmentt�Directive2002/95/EC)
l
��ll�f��rsi�nalandp�werrelaysarelead-free.Pleaserefert�Lead-FreeStat�sInf�f�r�lderdatec�des
at:�ttp://www.f�jits�.c�m/�s/d�wnl�ads/MICRO/fcai/relays/lead-free-letter.pdf
l
Lead free solder plating on relay terminals is Sn-3.0Ag-0.5Cu, unless otherwise specified.
This material has been verified to be compatible with PbSn assembly process.
2. Recommended Lead Free Solder Profile
l
Rec�mmendeds�lderSn-3.0���-0.5C�.
RoHS Compliance and Lead Free Information
3. Moisture Sensitivity
l
M�ist�reSensitivityLevelstandardisn�tapplicablet�electr�mec�anicalrelays,�nless�t�erwiseindicated.
4. Tin Whiskers
l
DippedSn���C�s�lderiskn�wnaspresentin�al�wriskt�tinw�iskerdevel�pment.N�c�nsiderablelen�t�
w�iskerwasf��ndby��rin���setest.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
S�lderin�:
dipwit�in5sec.at
260˚C solder bath
Solder by Soldering Iron:
S�lderin�Ir�n
Temperature: maximum 360˚C
D�rati�n:
maxim�m3sec.
REFLOW
N�te:
1.Temperature profiles show the
temperat�re�fPCb�ards�rface.
2.Pleaseperf�rms�lderin�testwit�y��r
act�alPCb�ardbef�remasspr�d�cti�n,
sincet�etemperat�res�fPC
b�ards�rfacescanvary,dependin��nt�e
size�fPCb�ard,stat�s�fparts
m��ntin�and�eatin�met��d.


Similar Part No. - FTR-C2CA012G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2CA012GB05 FUJITSU-FTR-C2CA012GB05 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
More results

Similar Description - FTR-C2CA012G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C1 FUJITSU-FTR-C1 Datasheet
357Kb / 9P
   POWER RELAY 2 POLES-2A High Insulation/wide Gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com