Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ20-3C90-A315 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # PQ20-3C90-A315
Description  PQ cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PQ20-3C90-A315 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  PQ20-3C90-A315 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 5Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
2
Ferroxcube
PQ cores and accessories
PQ20/20
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.731
mm−1
Ve
effective volume
2850
mm3
Ie
effective length
45.7
mm
Ae
effective area
62.6
mm2
Amin
minimum area
59.1
mm2
m
mass of set
≈ 16
g
handbook, halfpage
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
MBE692
7.9
min
12 min
21.3
± 0.4
14
± 0.4
20.2
± 0.2
14.3
± 0.3
4
min
8.8
± 0.2
18
± 0.4
Fig.1 PQ20/20 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 30
±10 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C81
160
±3%
≈ 93
≈ 620
PQ20/20-3C81-A160
250
±3%
≈ 145
≈ 360
PQ20/20-3C81-A250
315
±3%
≈ 183
≈ 270
PQ20/20-3C81-A315
400
±3%
≈ 232
≈ 200
PQ20/20-3C81-A400
630
±5%
≈ 366
≈ 120
PQ20/20-3C81-A630
3580
±25%
≈ 2080
≈ 0
PQ20/20-3C81
3C90
160
±3%
≈ 93
≈ 620
PQ20/20-3C90-A160
250
±3%
≈ 145
≈ 360
PQ20/20-3C90-A250
315
±3%
≈ 183
≈ 270
PQ20/20-3C90-A315
400
±3%
≈ 232
≈ 200
PQ20/20-3C90-A400
630
±5%
≈ 366
≈ 120
PQ20/20-3C90-A630
3150
±25%
≈ 1830
≈ 0
PQ20/20-3C90
3C91
3580
±25%
≈ 2080
≈ 0
PQ20/20-3C91
3C94
3150
±25%
≈ 1830
≈ 0
PQ20/20-3C94
3C95
3580
±25%
≈ 2080
≈ 0
PQ20/20-3C95
3C96
2820
±25%
≈ 1640
≈ 0
PQ20/20-3C96


Similar Part No. - PQ20-3C90-A315

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
   PQ CORES
logo
Pico Technology Ltd.
PQ200 PICO-PQ200 Datasheet
10Mb / 39P
   Smarter scopes for faster debug
logo
Standex Electronics, In...
PQ2006-1R0-30-G-R STANDEX-PQ2006-1R0-30-G-R Datasheet
769Kb / 3P
   Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
PQ2006-1R0-30-T-R STANDEX-PQ2006-1R0-30-T-R Datasheet
769Kb / 3P
   Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
PQ2007-0R4-70-G STANDEX-PQ2007-0R4-70-G Datasheet
769Kb / 3P
   Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
More results

Similar Description - PQ20-3C90-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PQ35 FERROXCUBE-PQ35 Datasheet
69Kb / 6P
   PQ cores and accessories
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
   PQ cores and accessories
PQ40 FERROXCUBE-PQ40 Datasheet
52Kb / 4P
   PQ cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CPV-PQ16-1S-14P-Z FERROXCUBE-CPV-PQ16-1S-14P-Z Datasheet
22Kb / 1P
   PQ cores and accessories
logo
TDK Electronics
B65881A TDK-B65881A Datasheet
1Mb / 6P
   Ferrites and Accessories PQ Cores
logo
EPCOS
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
B65876E0014D001 EPCOS-B65876E0014D001 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
logo
TDK Electronics
B65876E0014D001 TDK-B65876E0014D001 Datasheet
177Kb / 5P
   Ferrites and Accessories PQ Cores
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com