Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P36-3C81-A1000 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # P36-3C81-A1000
Description  P cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P36-3C81-A1000 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  P36-3C81-A1000 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P36-3C81-A1000 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P36-3C81-A1000 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P36-3C81-A1000 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P36-3C81-A1000 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P36-3C81-A1000 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P36-3C81-A1000 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2008 Sep 01
1020
Ferroxcube
P cores and accessories
P36/22
MOUNTING PARTS
General data and ordering information
ITEM
REMARKS
FIGURE
TYPE NUMBER
Tag plate
material: phenolformaldehyde (PF), glass reinforced
3
TGP-P36/22-C
flame retardant: in accordance with “UL 94V-0” ;
UL file number E41429
maximum operating temperature: 180
°C, “IEC 60085” , class H
pins: copper-tin alloy (CuSn), tin (Sn) plated
resistance to soldering heat in accordance with
“IEC 60 068-2-20”, Part 2, Test Tb, method 1B: 350
°C, 3.5 s
solderability in accordance with “IEC 60068-2-20”, Part 2,
Test Ta, method 1: 235
°C, 2 s
Container
copper-zinc alloy (CuZn), tin (Sn) plated
4
CON-P36/22
earth pins: presoldered
Spring
CrNi-steel
5
SPR-P36/22
spring force:
≈350 N when mounted
handbook, full pagewidth
2.1
6
2.2
25
15.24
10.16
5.08
20.32 15.24
mark
37.9 max.
5.0
∅8.4
∅0.8
2.54
CBW605
1.3 +
0.15
0
Fig.3 Tag plate: TGP-P36/22-C.
Dimensions in mm.


Similar Part No. - P36-3C81-A1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
P3601S-6-0098-N MOLEX-P3601S-6-0098-N Datasheet
55Kb / 1P
   36 AWG Microribbon Cable
logo
Teccor Electronics
P3602A TECCOR-P3602A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3602AAL LITTELFUSE-P3602AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
P3602AALXX LITTELFUSE-P3602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P3602ABL LITTELFUSE-P3602ABL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P36-3C81-A1000

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com