Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P22-3H3-E160 Datasheet(PDF) 7 Page - Ferroxcube International Holding B.V.

Part # P22-3H3-E160
Description  P cores and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P22-3H3-E160 Datasheet(HTML) 7 Page - Ferroxcube International Holding B.V.

Back Button P22-3H3-E160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 9Page - Ferroxcube International Holding B.V. P22-3H3-E160 Datasheet HTML 10Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2008 Sep 01
985
Ferroxcube
P cores and accessories
P22/13
MOUNTING PARTS
General data and ordering information
ITEM
REMARKS
FIGURE
TYPE NUMBER
Tag plate
material: phenolformaldehyde (PF), glass reinforced
5
TGP-P22/13-C
flame retardant: in accordance with “UL 94V-0” ;
UL file number E41429
maximum operating temperature: 180
°C, “IEC 60085”, class H
pins: copper-tin alloy (CuSn), tin (Sn) plated
resistance to soldering heat in accordance with
“IEC 60 068-2-20”, Part 2, Test Tb, method 1B: 350
°C, 3.5 s
solderability in accordance with “IEC 60068-2-20”, Part 2,
Test Ta, method 1: 235
°C, 2 s
Container
copper-zinc alloy (CuZn), tin (Sn) plated
6
CON-P22/13
earth pins: presoldered
Spring
CrNi-steel
7
SPR-P22/13
spring force:
≈140 N when mounted
Clamp
spring steel, tin-plated
8
CLM/TS-P22/13
Washer
phenolformaldehyde (PF)
9
WAS-CLM/TS-P22/13
2.1
6
1.5
15
10.16
5.08
5.08
10.16
mark
23.2 max.
4.5
∅5.8
∅0.8
2.54
CBW604
1.3
0.15
0
Fig.5 Tag plate: TGP-P22/13-C.
Dimensions in mm.


Similar Part No. - P22-3H3-E160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P22-3C81 FERROXCUBE-P22-3C81 Datasheet
53Kb / 4P
   P cores and accessories
P22-3C81-A1000 FERROXCUBE-P22-3C81-A1000 Datasheet
53Kb / 4P
   P cores and accessories
P22-3C81-A250 FERROXCUBE-P22-3C81-A250 Datasheet
53Kb / 4P
   P cores and accessories
P22-3C81-A315 FERROXCUBE-P22-3C81-A315 Datasheet
53Kb / 4P
   P cores and accessories
P22-3C81-A400 FERROXCUBE-P22-3C81-A400 Datasheet
53Kb / 4P
   P cores and accessories
More results

Similar Description - P22-3H3-E160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com