Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMMT493 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. FMMT493
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

FMMT493 Datasheet(HTML) 1 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 - NOVEMBER 1995
7
COMPLEMENTARY TYPE –
FMMT593
PARTMARKING DETAIL –
493
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
1A
Peak Pulse Current
ICM
2A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
120
V
IC=100µA
VCEO(sus)
100
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
100
nA
VCB=100V
Collector Cut-Off Current
ICES
100
nA
VCES=100V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Saturation Voltages
VCE(sat)
0.3
0.6
V
V
IC=500mA, IB=50mA
IC=1A, IB=100mA
VBE(sat)
1.15
V
IC=1A, IB=100mA
Base-Emitter
Turn On Voltage
VBE(on)
1.0
V
IC=1A, VCE=10V
Static Forward Current
Transfer Ratio
hFE
100
100
60
20
300
IC=1mA, VCE=10V*
IC=250mA, VCE=10V*
IC=500mA, VCE=10V*
IC=1A, VCE=10V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
10
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT493
C
B
E
SOT23
FMMT493
3 - 120
3 - 119
C
E
(s
at
)
10A
1A
10mA
100mA
1mA
-55 ° C
+25 ° C
+100 ° C
I+/I*=10
VCE(sat) v IC
IC-Collector Current
IC-Collector Current
VBE(sat) v IC
B
E
(s
at
)
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
10A
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
10A
1A
FE
40
0
120
80
160
10mA
1mA
IC-Collector Current
VBE(on) v IC
100mA
1A
10A
B
E(
on
)
0.6
0.8
1.0
0.4
0.2
0
IC-Collector Current
VCE(sat) v IC
C
E
(s
at
)
1mA
0
0.1
100mA
10mA
+25 ° C
0.2
0.3
0.4
I+/I*=10
10A
1A
0.4
+100 °C
-55 ° C
+25 °C
+100 ° C
-55 ° C
+25 ° C
-55 ° C
+25 ° C
+100 ° C
I+/I*=10
V+-=10V
V+-=10V
C
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0
0.1
0.3
0.2
1mA
0.01
I+/I*=50
200
240
280
0.001
TYPICAL CHARACTERISTICS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn