Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11-3H3-A250 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P11-3H3-A250
Description  P cores and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P11-3H3-A250 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P11-3H3-A250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P11-3H3-A250 Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2008 Sep 01
935
Ferroxcube
P cores and accessories
P11/7
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.956
mm−1
Ve
effective volume
251
mm3
Ie
effective length
15.5
mm
Ae
effective area
16.2
mm2
Amin
minimum area
13.2
mm2
m
mass of set
≈ 1.8
g
MGC150
2.2
0.3
9
0.4
0
4.7
0
0.2
11.1
0.2
6.8 0.25
2.1 0.1
O
2.9
O
M1.4
0.45 max
4.4
0.3
0
6.5
0.1
0.2
2
0.1
Fig.1 P11/7 core set.
Dimensions in mm.
Core sets for filter applications
Clamping force for AL measurements, 35
±10 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
(WITH NUT)
TYPE NUMBER
(WITHOUT NUT)
3D3
16
±3%
≈ 12
≈ 2210
P11/7-3D3-E16/N
P11/7-3D3-E16
25
±3%
≈ 19
≈ 1280
P11/7-3D3-E25/N
P11/7-3D3-E25
40
±3%
≈ 31
≈ 710
P11/7-3D3-E40/N
P11/7-3D3-E40
63
±3%
≈ 48
≈ 400
P11/7-3D3-E63/N
P11/7-3D3-E63
100
±3%
≈ 76
≈ 220
P11/7-3D3-A100/N
P11/7-3D3-A100
800
±25%
≈ 610
≈ 0
P11/7-3D3
3H3
160
±3%
≈ 122
≈ 140
P11/7-3H3-A160/N
P11/7-3H3-A160
250
±3%
≈ 190
≈ 80
P11/7-3H3-A250/N
P11/7-3H3-A250
1650
±25%
≈ 1260
≈ 0
P11/7-3H3


Similar Part No. - P11-3H3-A250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P11-3C81 FERROXCUBE-P11-3C81 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A100 FERROXCUBE-P11-3C81-A100 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A160 FERROXCUBE-P11-3C81-A160 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A250 FERROXCUBE-P11-3C81-A250 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A315 FERROXCUBE-P11-3C81-A315 Datasheet
49Kb / 4P
   P cores and accessories
More results

Similar Description - P11-3H3-A250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com