Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P14-3D3-E100 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P14-3D3-E100
Description  P cores and accessories
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P14-3D3-E100 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P14-3D3-E100 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2008 Sep 01
949
Ferroxcube
P cores and accessories
P14/8
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.789
mm−1
Ve
effective volume
495
mm3
Ie
effective length
19.8
mm
Ae
effective area
25.1
mm2
Amin
minimum area
19.8
mm2
m
mass of set
≈ 3.2
g
handbook, halfpage
MGC164
3.1 0.1
O
5.6
0.4
0
8.4
0.1
0.2
0.4
0.2
0
1.2
0.15
11.6
0.4
0
2.7
1.2
0
6
0
0.2
14.3
0
0.5
0.3
9.5
M1.7
Fig.1 P14/8 core set.
Dimensions in mm.
Core sets for filter applications
Clamping force for AL measurements, 60
±20 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
(WITH NUT)
TYPE NUMBER
(WITHOUT NUT)
3D3
40
± 3%
≈ 25
≈ 1170
P14/8-3D3-E40/N
P14/8-3D3-E40
63
± 3%
≈ 40
≈ 650
P14/8-3D3-E63/N
P14/8-3D3-E63
100
± 3%
≈ 63
≈ 360
P14/8-3D3-E100/N
P14/8-3D3-E100
1000
± 25%
≈ 630
≈ 0
P14/8-3D3
3H3
160
± 3%
≈ 100
≈ 220
P14/8-3H3-A160/N
P14/8-3H3-A160
250
± 3%
≈ 157
≈ 130
P14/8-3H3-A250/N
P14/8-3H3-A250
315
± 3%
≈ 198
≈ 100
P14/8-3H3-A315/N
P14/8-3H3-A315
400
± 3%
≈ 251
≈ 75
P14/8-3H3-A400/N
P14/8-3H3-A400
2150
± 25%
≈ 1350
≈ 0
P14/8-3H3


Similar Part No. - P14-3D3-E100

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P14-38R-C PANDUIT-P14-38R-C Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
P14-38R-C PANDUIT-P14-38R-C Datasheet
72Kb / 1P
   Ring Terminal, Non-Insulated
P14-38R-C PANDUIT-P14-38R-C Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P14-38R-M PANDUIT-P14-38R-M Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
logo
Ferroxcube Internationa...
P14-3C81 FERROXCUBE-P14-3C81 Datasheet
54Kb / 5P
   P cores and accessories
More results

Similar Description - P14-3D3-E100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com