Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR211NBD009 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FBR211NBD009
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211NBD009 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FBR211NBD009 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211NBD009 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211NBD009 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211NBD009 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211NBD009 Datasheet HTML 5Page - Fujitsu Component Limited. FBR211NBD009 Datasheet HTML 6Page - Fujitsu Component Limited. FBR211NBD009 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FBR211 SERIES
To be
Discon
Tinue
D
1. General Information
l
Relays produced after the specific date code that is indicated on each data sheet are lead-free
now. Most of our signal and power relays are lead-free. Please refer to Lead-Free Status Info.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu.
l
All signal and most power relays also comply with RoHS. Please refer to individual data
sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that
are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE).
l
It has been verified that using lead-free relays in leaded assembly process will not cause any
problems (compatible).
l
“LF” is marked on each outer and inner carton. (No marking on individual relays).
l
To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office.
l
We will ship leaded relays as long as the leaded relay inventory exists.
Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Relay Information
Reflow Solder condition
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys.
4. Tin Whisker
l
Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in
house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
Soldering:
dip within 5 sec. at
260˚C soler bath
Solder by Soldering Iron:
Soldering Iron
Temperature: maximum 360˚C
Duration:
maximum 3 sec.


Similar Part No. - FBR211NBD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211NBD003 FUJITSU-FBR211NBD003 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211NBD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com