Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ1622MFC7TB Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RJ1622MFC7TB
Description  RJ High Precision Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJ1622MFC7TB Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RJ1622MFC7TB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJ1622MFC7TB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJ1622MFC7TB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Quick Reference Data
L
D
d
H
Type
RJ72
RJ73
RJ74
RJ16
RJ17
RJ18
MIL-R-10509F type
RN50
RN55
RN60
RN65
RN70
RN75
Resistance range (Ω)
0.1 ~ 22M
Resistance tolerance (%)
A5 ( ±0.05 ), B ( ±0.10 ), C ( ±0.25 ), D ( ±0.5 ), F ( ±1), J ( ±5.0)
Temperature coefficient (ppm/°C)
C7 ( ±5 ), C6 ( ±10 ), C5 ( ±15 ), C3 ( ±25 ), C2 ( ±50 ), C1 ( ±100 )
Climatic category (LCT/UCT/days)
55 / 125 / 56
Rated dissipation (W) P70
0.16
0.25
0.50
1.0
2.0
3.0
Operating voltage (V) Umax
200
250
300
350
450
500
Short time over load voltage (V) Umax
400
500
600
700
900
1000
Operating Temperature range
-55°C to 125°C
Insulation voltage
>500V
Insulation resistance
>1GΩ
Dimensions (mm)
L (Max.)
3.8
6
10
12
16
26
D (Max.)
2.0
2.5
3.5
4.5
5.5
8.6
d ± 0.1
0.45
0.5
0.6
0.7
0.8
0.8
H ± 2
24
24
26
26
26
26
Type
RJ73S RJ74S RJ16M RJ16S RJ17M RJ17S RJ18M RJ18S
MIL-R-10509F type
RN50
RN55
RN60
RN60
RN65
RN65
RN70
RN70
Resistance range (Ω)
0.1 ~ 22M
Resistance tolerance (%)
A5 ( ±0.05 ), B ( ±0.10 ), C ( ±0.25 ), D ( ±0.50 ), F ( ±1.0 ), J ( ±5.0 )
Temperature coefficient (ppm/°C)
C7 ( ±5 ), C6 ( ±10 ), C5 ( ±15 ), C3 ( ±25 ), C2 ( ±50 ), C1 ( ±100 )
Climatic category (LCT/UCT/days)
55 / 125 / 56
Rated dissipation (W) P70
0.25
0.50
1.00
1.00
2.00
2.00
3.00
3.00
Operating voltage (V) Umax
250
300
350
350
400
400
450
450
Short time over load voltage (V)
Umax
500
600
700
700
800
800
900
900
Operating Temperature range
-55°C to 125°C
Insulation voltage
>500V
Insulation resistance
>1GΩ
Dimensions (mm)
L (Max.)
3.8
6.0
6.3
10
10
12
12
16
D (Max.)
2.00
2.54
2.54
3.50
3.50
4.50
4.50
5.50
d ± 0.1
0.5
0.6
0.6
0.6
0.7
0.8
0.8
0.8
H ± 2
24
24
24
26
26
26
26
26
Notice : Resistance out of range, tolerance and temperature coefficient match are under request.
Version 2010
RJ High Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RJ1622MFC7TB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RJ1632 SAMSUNG-RJ1632 Datasheet
4Mb / 20P
   Passive components sales offices
More results

Similar Description - RJ1622MFC7TB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com