Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM243910 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # FRM243910
Description  Frame and Bar cores and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

FRM243910 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  FRM243910 Datasheet HTML 1Page - Ferroxcube International Holding B.V. FRM243910 Datasheet HTML 2Page - Ferroxcube International Holding B.V. FRM243910 Datasheet HTML 3Page - Ferroxcube International Holding B.V. FRM243910 Datasheet HTML 4Page - Ferroxcube International Holding B.V. FRM243910 Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008 Sep 01
898
Ferroxcube
Frame and Bar cores and accessories
FRM24/3.9/10
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
5.65
mm−1
Ve
effective volume
370
mm3
Ie
effective length
45.8
mm
Ae
effective area
8.1
mm2
Amin
minimum area
6.0
mm2
m
mass of frame
≈ 1.3
g
m
mass of bar
≈ 1.2
g
handbook, halfpage
3.85
±0.1
1.3
±0.05
7.3
±0.2
5.7
±0.1
9.8
±0.2
0.5
max.
CBW565
19.2
±0.3
23.8
±0.3
Fig.1 FRM24/3.9/10 core.
Dimensions in mm.
Ordering information for bar cores
GRADE
TYPE NUMBER
3C90
BAR25/2.2/4-3C90
3C91
BAR25/2.2/4-3C91
handbook, halfpage
24.7
±0.3
4.4
±0.2
2.15
±0.05
CBW537
Fig.2 BAR25/2.2/4.
Dimensions in mm.


Similar Part No. - FRM243910

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FRM240 ISC-FRM240 Datasheet
49Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Intersil Corporation
FRM240D INTERSIL-FRM240D Datasheet
47Kb / 6P
   16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM240H INTERSIL-FRM240H Datasheet
47Kb / 6P
   16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM240R INTERSIL-FRM240R Datasheet
47Kb / 6P
   16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Inchange Semiconductor ...
FRM244 ISC-FRM244 Datasheet
49Kb / 2P
   Second Generation Rad Hard MOSFET Results
More results

Similar Description - FRM243910

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPHS-FRM20-8S-10P FERROXCUBE-CPHS-FRM20-8S-10P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
FRM27 FERROXCUBE-FRM27 Datasheet
59Kb / 5P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
   Frame and Bar cores and accessories
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM24-8S-9P FERROXCUBE-CPHS-FRM24-8S-9P Datasheet
31Kb / 1P
   Frame and Bar cores and accessories
FRM21 FERROXCUBE-FRM21 Datasheet
56Kb / 5P
   Frame and Bar cores and accessories
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com