Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCALFP02041R0M Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TCALFP02041R0M
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALFP02041R0M Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TCALFP02041R0M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCALFP02041R0M Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
09 of 11
(TCAL0307) Characteristics
Part Number
Inductance(µH)
Q(min) Freq.(MHz)
SRF(MHz)(min)
DCR(Ω)(max)
RDC(mA)(max)
TCAL**0307-R22M
0.22±20%
30
25.2
380
0.075
1150
TCAL**0307-R27M
0.27±20%
30
25.2
360
0.08
1110
TCAL**0307-R33M
0.33±20%
30
25.2
350
0.08
1110
TCAL**0307-R39M
0.39±20%
30
25.2
320
0.09
1000
TCAL**0307-R47M
0.47±20%
30
25.2
300
0.10
1000
TCAL**0307-R56M
0.56±20%
30
25.2
280
0.11
950
TCAL**0307-R68M
0.68±20%
30
25.2
250
0.12
900
TCAL**0307-R82M
0.82±20%
30
25.2
200
0.12
900
TCAL**0307-1R0K
1.0±10%
40
25.2
180
0.15
815
TCAL**0307-1R2K
1.2±10%
40
7.96
165
0.18
740
TCAL**0307-1R5K
1.5±10%
40
7.96
150
0.20
700
TCAL**0307-1R8K
1.8±10%
50
7.96
125
0.23
655
TCAL**0307-2R2K
2.2±10%
50
7.96
110
0.25
630
TCAL**0307-2R7K
2.7±10%
50
7.96
95
0.28
595
TCAL**0307-3R3K
3.3±10%
50
7.96
70
0.30
575
TCAL**0307-3R9K
3.9±10%
45
7.96
65
0.32
555
TCAL**0307-4R7K
4.7±10%
45
7.96
50
0.35
530
TCAL**0307-5R6K
5.6±10%
45
7.96
40
0.40
500
TCAL**0307-6R8K
6.8±10%
40
7.96
30
0.45
470
TCAL**0307-8R2K
8.2±10%
40
7.96
28
0.55
425
TCAL**0307-100K
10±10%
40
7.96
22
0.72
370
TCAL**0307-120K
12±10%
40
2.52
20
0.80
350
TCAL**0307-150K
15±10%
50
2.52
16
0.88
335
TCAL**0307-180K
18±10%
50
2.52
15
1.00
315
TCAL**0307-220K
22±10%
50
2.52
13
1.20
285
TCAL**0307-270K
27±10%
50
2.52
11
1.35
270
TCAL**0307-330K
33±10%
50
2.52
10
1.50
255
TCAL**0307-390K
39±10%
50
2.52
9.5
1.70
240
TCAL**0307-470K
47±10%
60
2.52
8.5
2.30
205
TCAL**0307-560K
56±10%
60
2.52
7.5
2.60
195
TCAL**0307-680K
68±10%
60
2.52
6.5
2.90
185
TCAL**0307-820K
82±10%
60
2.52
6.0
3.20
175
TCAL**0307-101K
100±10%
60
2.52
5.5
3.50
165
TCAL**0307-121K
120±10%
60
0.796
5.4
3.80
160
TCAL**0307-151K
150±10%
60
0.796
4.75
4.40
150
TCAL**0307-181K
180±10%
60
0.796
4.35
5.00
140
TCAL**0307-221K
220±10%
60
0.796
4.0
5.70
130
TCAL**0307-271K
270±10%
60
0.796
3.7
6.50
120
TCAL**0307-331K
330±10%
60
0.796
3.4
9.50
100
TCAL**0307-391K
390±10%
60
0.796
2.8
10.5
95
TCAL**0307-471K
470±10%
60
0.796
2.55
11.6
90
TCAL**0307-561K
560±10%
60
0.796
2.35
13.0
85
TCAL**0307-681K
680±10%
60
0.796
2.0
18.0
75
TCAL**0307-821K
820±10%
60
0.796
1.5
23.0
65
TCAL**0307-102K
1000±10%
60
0.796
1.2
26.0
60
Version 2010
TCAL Through Hole Fixed Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TCALFP02041R0M

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALFP02041R0M

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com