Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR582ND24-Y Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FBR582ND24-Y
Description  COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR582ND24-Y Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FBR582ND24-Y Datasheet HTML 1Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 2Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 3Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 4Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 5Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 6Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 7Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 8Page - Fujitsu Component Limited. FBR582ND24-Y Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FBR572, 582 SERIES
2. LIFE TEST (EXAMPLE)
[FBR582 type]
[FBR572 type]
20 sec
(RL-1)
12 A
0 A
(RL-2)
0.3 sec
10 sec
0.3 sec
• Current wave form
• Test circuit
RL-1
N.O.
N.C.
N.O.
N.C.
M
RL-2
(%) 100
80
60
40
20
0
PICK-UP
DROP-OUT
Initial
1
10
100
• Shift of pick-up drop-out voltage
Initial
1
10
100
No. of operations (x104)
• Shift of contact resistance
m 1000
100
10
(measured at 6 V-1 A)
• Test item
28 VDC-12 A
Motor lock
100,000 operations minimum
(FBR572 -W type)
(%) 100
80
60
40
20
0
PICK-UP
DROP-OUT
Initial
1
10
100
• Shift of pick-up drop-out voltage
Initial
1
10
100
No. of operations (x104)
• Shift of contact resistance
m 1000
100
10
(measured at 6 V-1 A)
20 sec
(RL-1)
12 A
0 A
(RL-2)
0.3 sec
10 sec
0.3 sec
• Current wave form
• Test circuit
RL-1
N.O.
N.C.
N.O.
N.C.
M
RL-2
• Test item
28 VDC-12 A
Motor lock
100,000 operations minimum
(FBR582 -W type)


Similar Part No. - FBR582ND24-Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR582ND24N FUJITSU-FBR582ND24N Datasheet
75Kb / 8P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR582ND24W FUJITSU-FBR582ND24W Datasheet
75Kb / 8P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR582ND24Y FUJITSU-FBR582ND24Y Datasheet
75Kb / 8P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FBR582ND24-Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR572 FUJITSU-FBR572 Datasheet
75Kb / 8P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com