Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR166SNCD012-WB Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FBR166SNCD012-WB
Description  POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR166SNCD012-WB Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FBR166SNCD012-WB Datasheet HTML 1Page - Fujitsu Component Limited. FBR166SNCD012-WB Datasheet HTML 2Page - Fujitsu Component Limited. FBR166SNCD012-WB Datasheet HTML 3Page - Fujitsu Component Limited. FBR166SNCD012-WB Datasheet HTML 4Page - Fujitsu Component Limited. FBR166SNCD012-WB Datasheet HTML 5Page - Fujitsu Component Limited. FBR166SNCD012-WB Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FBR161,166 SERIES
To be
Discon
Tinue
D
n
DIMENSIONS
Unit:mm
(2.3)
16.2+0.3
21.7+0.5
12.20.1
2.10.1
Ø1.40.1
4–Ø 1.30.1
Note : For 1 form A type, terminal No.4 is removed.
4
3
5
2
1
Dimensions
Tube carrier
PC board mounting hole layout
Schematic
22.3 max.
25 pieces/tube
601 maximum
(BOTTOM VIEW)
(BOTTOM VIEW)
12.2
2.1
12.0
(2.1)
6.0
22.5 Max.
(2.3)
(2.25)
12.0
4-Ø 1.30.1
Ø 1.40.1
12.20.1
2.10.1
16.5 Max.
Schematic
(BOTTOM VIEW)
Dimensions
4
5
3
2
1
PC board mounting hole layout
(BOTTOM VIEW)


Similar Part No. - FBR166SNCD012-WB

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR1660 FCI-FBR1660 Datasheet
133Kb / 2P
   16 Amp SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR166SNCD012-WB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P6 FUJITSU-FTR-P6 Datasheet
444Kb / 7P
   MICRO SURFACE MOUNT RELAY 1 POLE-25 A (For Automotive Applications)
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com