Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETD29-3C95 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # ETD29-3C95
Description  ETD cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ETD29-3C95 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  ETD29-3C95 Datasheet HTML 1Page - Ferroxcube International Holding B.V. ETD29-3C95 Datasheet HTML 2Page - Ferroxcube International Holding B.V. ETD29-3C95 Datasheet HTML 3Page - Ferroxcube International Holding B.V. ETD29-3C95 Datasheet HTML 4Page - Ferroxcube International Holding B.V. ETD29-3C95 Datasheet HTML 5Page - Ferroxcube International Holding B.V. ETD29-3C95 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008 Sep 01
3
Ferroxcube
ETD cores and accessories
ETD29/16/10
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
=200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T=25
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f = 400 kHz;
=50mT;
T = 100
°C
3C90
≥330
≤ 0.66
≤ 0.69
−−
3C94
≥330
−≤ 0.5
−≤ 3.0
3C95
≥330
−−
≤ 3.23
≤ 3.06
3C96
≥340
−≤ 0.37
−≤ 2.4
3F3
≥320
−≤ 0.65
−−
≤ 1.1
3F35
≥300
−−
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f= 500 kHz;
=50 mT;
T=100
°C
f = 500 kHz;
=100 mT;
T = 100
°C
f= 1 MHz;
=30 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
3C90
≥330
−−
3C94
≥330
−−
3C95
≥330
−−
3C96
≥340
≤ 2.0
−−
3F3
≥320
−−
3F35
≥300
≤ 0.74
≤ 5.7
−−
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - ETD29-3C95

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ETD29-K-H-13P FERYSTER-ETD29-K-H-13P Datasheet
171Kb / 1P
   WIDOK ZGORY
ETD29-K-H-14P-3657 FERYSTER-ETD29-K-H-14P-3657 Datasheet
184Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
ETD29-K-H-14P-DS FERYSTER-ETD29-K-H-14P-DS Datasheet
174Kb / 1P
   Grid VIEW PIN-SIDE
ETD29-K-H-5-0 FERYSTER-ETD29-K-H-5-0 Datasheet
82Kb / 1P
   Material korpusu / Bobbin material: T375J
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
More results

Similar Description - ETD29-3C95

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-ETD59-1S-24P FERROXCUBE-CPH-ETD59-1S-24P Datasheet
44Kb / 1P
   ETD cores and accessories
ETD49 FERROXCUBE-ETD49_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD54 FERROXCUBE-ETD54 Datasheet
61Kb / 5P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34 Datasheet
83Kb / 8P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD39 FERROXCUBE-ETD39 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD44 FERROXCUBE-ETD44 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD59 FERROXCUBE-ETD59 Datasheet
61Kb / 5P
   ETD cores and accessories
CPH-ETD44-1S-18P FERROXCUBE-CPH-ETD44-1S-18P Datasheet
97Kb / 1P
   ETD cores and accessories
CPH-ETD54-1S-22P-TZ FERROXCUBE-CPH-ETD54-1S-22P-TZ Datasheet
9Kb / 1P
   ETD cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com