Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR161SED024 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FBR161SED024
Description  POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR161SED024 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FBR161SED024 Datasheet HTML 1Page - Fujitsu Component Limited. FBR161SED024 Datasheet HTML 2Page - Fujitsu Component Limited. FBR161SED024 Datasheet HTML 3Page - Fujitsu Component Limited. FBR161SED024 Datasheet HTML 4Page - Fujitsu Component Limited. FBR161SED024 Datasheet HTML 5Page - Fujitsu Component Limited. FBR161SED024 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
FBR160 SERIES
To be
Discon
Tinue
D
n
DIMENSIONS
(2.3)
16.2+0.3
21.7+0.5
12.20.1
2.10.1
Ø1.40.1
4-Ø1.30.1
Note:For1formAtype,terminalNo.4isremoved.
4
3
5
2
1
l
Dimensions
l
Tubecarrier
l
PCboardmountingholelayout
l
Schematic
22.3max.
25pieces/tube
601maximum
(BOTTOMVIEW)
(BOTTOMVIEW)
12.2
2.1
12.0
(2.1)
6.0
Unit:mm
Japan
FujitsuComponentLimited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo1418630,Japan
Tel:(81-3)5449-7010
Fax:(81-3)5449-2626
Email:promothq@fcl.fujitsu.com
Web:www.fcl.fujitsu.com
North and South America
FujitsuComponentsAmerica,Inc.
250E.CaribbeanDrive
Sunnyvale,CA94089U.S.A.
Tel:(1-408)745-4900
Fax:(1-408)745-4970
Email:components@us.fujitsu.com
Web:http://us.fujitsu.com/components/
Europe
FujitsuComponentsEuropeB.V.
Diamantlaan25
2132WVHoofddorp
Netherlands
Tel:(31-23)5560910
Fax:(31-23)5560950
Email:info@fceu.fujitsu.com
Web:emea.fujitsu.com/components/
Asia Pacific
FujitsuComponentsAsiaLtd.
102EPasirPanjangRoad
#01-01CitilinkWarehouseComplex
Singapore118529
Tel:(65)6375-8560
Fax:(65)6273-3021
Email:fcal@fcal.fujitsu.com
Web:http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2009FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective
owners.
FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour
productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice.
Rev.June30,2009.


Similar Part No. - FBR161SED024

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR161SED024 FUJI-FBR161SED024 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
More results

Similar Description - FBR161SED024

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com