Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR161SED006 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR161SED006
Description  POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR161SED006 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR161SED006 Datasheet HTML 1Page - Fujitsu Component Limited. FBR161SED006 Datasheet HTML 2Page - Fujitsu Component Limited. FBR161SED006 Datasheet HTML 3Page - Fujitsu Component Limited. FBR161SED006 Datasheet HTML 4Page - Fujitsu Component Limited. FBR161SED006 Datasheet HTML 5Page - Fujitsu Component Limited. FBR161SED006 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FBR160 SERIES
To be
Discon
Tinue
D
(h)
CSAStandard
Nil :Non-CSA
-CSA:CSArecognized,butonlyUL114orUL508types
(i)
CustomDesignation
Suffixnumberforcustomdesign
( j)
PackageStyle
Nil :Standardtray
-S :Tubecarrier
Note:
Thedesignationnameisstampedonthetopoftherelaycaseasfollows:
(Example)Designationordered:FBR161NED012-H
Stamp:161NED012-H
80%max. 10%min.
210%
Approx.
Approx.
of
of
of
360mW
30deg
nominal nominal
nominal (atnominal (atnominal
voltage voltage
voltage
voltage)
voltage)
n
COIL RATINGS
1.E(360mWCoiltype)
MODEL
1 Form C type
1 Form A type
Flux free Plastic sealed Flux free Plastic sealed
FBR161SED005n FBR161NED005n FBR163SED005n FBR163SED005n 5VDC
70Ω
71mA
FBR161SED006n FBR161NED006n FBR163SED006n FBR163SED006n 6VDC
100Ω
60mA
FBR161SED009n FBR161NED009n FBR163SED009n FBR163SED009n 9VDC
225Ω
40mA
FBR161SED012n FBR161NED012n FBR163SED012n FBR163SED012n 12VDC
400Ω
30mA
FBR161SED024n FBR161NED024n FBR163SED024n FBR163SED024n 24VDC
1,600Ω
15mA
Note:Allvaluesinthetablearemeasuredat20°C.
*:Specifiedvaluesaresubjecttopulswavevoltage.
Nominal
Nominal
Coil
current
Must
Must
Maximum Nominal
Coil
resistance (at nominal operate release allowable
power
temperature
voltage
(±10%)
voltage) voltage* voltage*
voltage
rise
approx.
75%max. 10%min.
210%
Approx.
Approx.
of
of
of
500mW
35deg
nominal nominal
nominal (atnominal (atnominal
voltage voltage
voltage
voltage)
voltage)
2.C(50mWCoiltype)
MODEL
1 Form C type
1 Form A type
Flux free Plastic sealed Flux free Plastic sealed
FBR161SCD005n FBR161NCD005n FBR163SCD005n FBR163SCD005n 5VDC
50Ω
100mA
FBR161SCD006n FBR161NCD006n FBR163SCD006n FBR163SCD006n 6VDC
72Ω
83mA
FBR161SCD009n FBR161NCD009n FBR163SCD009n FBR163SCD009n 9VDC
162Ω
56mA
FBR161SCD012n FBR161NCD012n FBR163SCD012n FBR163SCD012n 12VDC
288Ω
42mA
FBR161SCD024n FBR161NCD024n FBR163SCD024n FBR163SCD024n 24VDC
1,152Ω
21mA
FBR161SCD048n FBR161NCD048n FBR163SCD048n FBR163SCD048n 48VDC
4,600Ω
10mA
Note:Allvaluesinthetablearemeasuredat20°C.
*:Specifiedvaluesaresubjecttopulswavevoltage.
Nominal
Nominal
Coil
current
Must
Must
Maximum Nominal
Coil
resistance (at nominal operate release allowable
power
temperature
voltage
(±10%)
voltage) voltage* voltage*
voltage
rise
approx.


Similar Part No. - FBR161SED006

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR161SED006 FUJI-FBR161SED006 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
More results

Similar Description - FBR161SED006

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com