Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR56 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR56
Description  COMPACT HIGH POWER RELAY 1 POLE-30 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR56 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR56 Datasheet HTML 1Page - Fujitsu Component Limited. FBR56 Datasheet HTML 2Page - Fujitsu Component Limited. FBR56 Datasheet HTML 3Page - Fujitsu Component Limited. FBR56 Datasheet HTML 4Page - Fujitsu Component Limited. FBR56 Datasheet HTML 5Page - Fujitsu Component Limited. FBR56 Datasheet HTML 6Page - Fujitsu Component Limited. FBR56 Datasheet HTML 7Page - Fujitsu Component Limited. FBR56 Datasheet HTML 8Page - Fujitsu Component Limited. FBR56 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
n
FEATURES
l
Highpowercontactcapacity
(carryingcurrent:40A/10minutes,30A/1hour)
l
Highheatresistanceandextendedoperatingvoltage
l
RoHScompliantsincedatecode:0627
Pleaseseepage8formoreinformation
n
ORDERING INFORMATION
FBR56 SERIES
COMPACT HIGH POWER RELAY
1 POLE—30 A
(FOR AUTOMOTIVE APPLICATIONS)
(a)
SeriesName
FBR56:FBR56Seriesrelayfor12Vbattery(contactgap0.4mm)
(b)
Enclosure
N
:Plasticsealedtype
(c)
NominalVoltage
D06 :6VDC
D09 :9VDC
D12 :12VDC
(d)
ContactMaterial
W1:Silver-tinoxideindium
Y:Silver-tinoxide
(e)
CustomDesignation
Tobeassignedcustomspecification
FBR56 N D12 – W1 **
[Example]
(a)
(b) (c)
(d) (e)
1
RoHS compliant


Similar Part No. - FBR56

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR562 FUJITSU-FBR562 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FBR562ND06-W1 FUJITSU-FBR562ND06-W1 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FBR562ND06W1 FUJITSU-FBR562ND06W1 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
More results

Similar Description - FBR56

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR57 FUJITSU-FBR57 Datasheet
417Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30 A (28 VDC) (FOR 24 V BATTERY AUTOMOTIVE APPLICATIONS)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com