Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER11-3C95-S Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # ER11-3C95-S
Description  Planar ER cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ER11-3C95-S Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  ER11-3C95-S Datasheet HTML 1Page - Ferroxcube International Holding B.V. ER11-3C95-S Datasheet HTML 2Page - Ferroxcube International Holding B.V. ER11-3C95-S Datasheet HTML 3Page - Ferroxcube International Holding B.V. ER11-3C95-S Datasheet HTML 4Page - Ferroxcube International Holding B.V. ER11-3C95-S Datasheet HTML 5Page - Ferroxcube International Holding B.V. ER11-3C95-S Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
2
Ferroxcube
Planar ER cores and accessories
ER11/2.5/6
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.23
mm−1
Ve
effective volume
174
mm3
Ie
effective length
14.7
mm
Ae
effective area
11.9
mm2
Amin
minimum area
10.3
mm2
m
mass of core half
≈ 0.5
g
Fig.1 ER11/2.5/6 core half.
Dimensions in mm.
handbook, halfpage
CBW095
2.45
±0.05
1.5 +
0.15
0
8 +
0.2
0
8.7 +
0.3
0
11
0
−0.35
4.25
0
−0.25
6
0
−0.2
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 15
±5N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C92
1050
±25%
≈ 1030
≈ 0
ER11/2.5/6-3C92-S
3C93
1200
±25%
≈ 1170
≈ 0
ER11/2.5/6-3C93-S
3C94
100
±3%
≈ 98
≈ 170
ER11/2.5/6-3C94-A100-S
160
±5%
≈ 157
≈ 100
ER11/2.5/6-3C94-A160-S
250
±8%
≈ 246
≈ 60
ER11/2.5/6-3C94-A250-S
1400
±25%
≈ 1370
≈ 0
ER11/2.5/6-3C94-S
3C95
1620
±25%
≈ 1600
≈ 0
ER11/2.5/6-3C95-S
3C96
1250
±25%
≈ 1220
≈ 0
ER11/2.5/6-3C96-S
3F3
100
±3%
≈ 98
≈ 170
ER11/2.5/6-3F3-A100-S
160
±5%
≈ 157
≈ 100
ER11/2.5/6-3F3-A160-S
250
±8%
≈ 246
≈ 60
ER11/2.5/6-3F3-A250-S
1200
±25%
≈ 1170
≈ 0
ER11/2.5/6-3F3-S
3F35
1000
±25%
≈ 980
≈ 0
ER11/2.5/6-3F35-S
3F4
63
±3%
≈ 62
≈ 280
ER11/2.5/6-3F4-A63-S
100
±5%
≈ 98
≈ 160
ER11/2.5/6-3F4-A100-S
160
±8%
≈ 157
≈ 85
ER11/2.5/6-3F4-A160-S
725
±25%
≈ 710
≈ 0
ER11/2.5/6-3F4-S
3F45
725
±25%
≈ 710
≈ 0
ER11/2.5/6-3F45-S


Similar Part No. - ER11-3C95-S

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ER11-K-1S-12P-S-1103-1 FERYSTER-ER11-K-1S-12P-S-1103-1 Datasheet
108Kb / 1P
   PHOSPHOR BRONZE
More results

Similar Description - ER11-3C95-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER32 FERROXCUBE-ER32 Datasheet
49Kb / 4P
   Planar ER cores and accessories
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER14.5-3-7-3C92-S FERYSTER-ER14.5-3-7-3C92-S Datasheet
38Kb / 6P
   Planar ER cores and accessories
logo
Ferroxcube Internationa...
ER23 FERROXCUBE-ER23 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER41 FERROXCUBE-ER41 Datasheet
51Kb / 4P
   Planar ER cores and accessories
ER51 FERROXCUBE-ER51 Datasheet
50Kb / 4P
   Planar ER cores and accessories
ER64 FERROXCUBE-ER64 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER95 FERROXCUBE-ER95 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER14.5 FERROXCUBE-ER14.5 Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER18 FERROXCUBE-ER18 Datasheet
49Kb / 4P
   Planar ER cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com