Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6066 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 6066
Description  IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6066 Datasheet(HTML) 2 Page - Schurter Inc.

  6066 Datasheet HTML 1Page - Schurter Inc. 6066 Datasheet HTML 2Page - Schurter Inc. 6066 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Connectors (Inlets/Outlets)
6066
www.schurter.com/pg07
Connectors
Config. Code
ProductConfigurator
6066
|-|H|-|A|B|C|0-|D|-|E|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
6066
|-|H|-|A|B|C|0-|D|-|E| = Type
Type
Configuration
key
protection class 2
B
6066
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal L
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
blade terminal (6,3x0,8mm)
9
screw terminal
A
6066
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal N
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
blade terminal (6,3x0,8mm)
9
screw terminal
A
SymbolssimilarasintableA
6066
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal Ground
Configuration
key
without terminal
0
SymbolssimilarasintableA
6066
|-|H|-|A|B|C|0-|D|-|E| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
pure white; RAL9010
D
standardcolor:black
6066
|-|H|-|A|B|C|0-|D|-|E| = Style
Style
Configuration
key
flange with countersunk holes
1
flange with through holes
2
Variants
Config. Code
Description
Order Number
6066-X-2200-A-1
6066, IEC Appliance Inlet C18, 70°C, version: 2, L: short solder terminal (L=4,8mm), N: short solder terminal (L=4,8mm), ground:
without terminal, color: jet black; RAL9005, design: flange with countersunk holes, dimension X:
6162.0075
6066-X-9900-A-1
6066, IEC Appliance Inlet C18, 70°C, version: 2, L: blade terminal (6,3x0,8mm), N: blade terminal (6,3x0,8mm), ground: without
terminal, color: jet black; RAL9005, design: flange with countersunk holes, dimension X:
6162.0076
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact
Packaging unit
50Pcs
Accessories
Description
Assorted Covers
Rear Cover


Similar Part No. - 6066

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6066 SCHURTER-6066 Datasheet
378Kb / 3P
   IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
28.02.2013
logo
Alpha Wire
6066C ALPHAWIRE-6066C Datasheet
76Kb / 2P
   Component 1 6 X 1 PAIR
logo
Schurter Inc.
6066 SCHURTER-6066_V01 Datasheet
378Kb / 3P
   IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
28.02.2013
More results

Similar Description - 6066

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6065 SCHURTER-6065 Datasheet
382Kb / 3P
   IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
6066 SCHURTER-6066_V01 Datasheet
378Kb / 3P
   IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
28.02.2013
6061 SCHURTER-6061_18 Datasheet
465Kb / 7P
   IEC Appliance Inlet C14/C18, Screw-on Mounting, Front Side, Solder or Quick-connect, Screw Terminal
6061 SCHURTER-6061_V02 Datasheet
524Kb / 8P
   IEC Appliance Inlet C14/C18, Screw-on Mounting, Front Side, Solder or Quick-connect, Screw Terminal
05.01.2022
6102-3 SCHURTER-6102-3 Datasheet
369Kb / 3P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3_1809 SCHURTER-6102-3_1809 Datasheet
329Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3 SCHURTER-6102-3_V01 Datasheet
338Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3 SCHURTER-6102-3_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3 SCHURTER-6102-3_V02 Datasheet
338Kb / 4P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
05.01.2022
6062 SCHURTER-6062 Datasheet
390Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com