Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER11-3C94-A250-S Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # ER11-3C94-A250-S
Description  Planar ER cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ER11-3C94-A250-S Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  ER11-3C94-A250-S Datasheet HTML 1Page - Ferroxcube International Holding B.V. ER11-3C94-A250-S Datasheet HTML 2Page - Ferroxcube International Holding B.V. ER11-3C94-A250-S Datasheet HTML 3Page - Ferroxcube International Holding B.V. ER11-3C94-A250-S Datasheet HTML 4Page - Ferroxcube International Holding B.V. ER11-3C94-A250-S Datasheet HTML 5Page - Ferroxcube International Holding B.V. ER11-3C94-A250-S Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
4
Ferroxcube
Planar ER cores and accessories
ER11/2.5/6
COIL FORMERS
General data
Winding data and area product for ER11/2.5/6 coil former (SMD)
PARAMETER
SPECIFICATION
Coil former material
liquid crystal polymer (LCP), glass reinforced, flame retardant
in accordance with “UL 94V-0”; UL file number E54705(M)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-2-20” , Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
2.8
1.85
21.6
33.3
CPVS-ER11-1S-12P
∅4.5
±0.1
∅5.3
±0.1
4
1.6
2
8
10.6 max.
0.7
2.8
±0.1
1.85
min.
9.2
0.25
12.35 max.
4.4
max.
1.6
10
CBW096
∅8.5 +0.1
−0.2
Fig.2 ER11/2.5/6 coil former (SMD); 10-solder pads.
Dimensions in mm.


Similar Part No. - ER11-3C94-A250-S

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ER11-K-1S-12P-S-1103-1 FERYSTER-ER11-K-1S-12P-S-1103-1 Datasheet
108Kb / 1P
   PHOSPHOR BRONZE
More results

Similar Description - ER11-3C94-A250-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER32 FERROXCUBE-ER32 Datasheet
49Kb / 4P
   Planar ER cores and accessories
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER14.5-3-7-3C92-S FERYSTER-ER14.5-3-7-3C92-S Datasheet
38Kb / 6P
   Planar ER cores and accessories
logo
Ferroxcube Internationa...
ER23 FERROXCUBE-ER23 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER41 FERROXCUBE-ER41 Datasheet
51Kb / 4P
   Planar ER cores and accessories
ER51 FERROXCUBE-ER51 Datasheet
50Kb / 4P
   Planar ER cores and accessories
ER64 FERROXCUBE-ER64 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER95 FERROXCUBE-ER95 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER14.5 FERROXCUBE-ER14.5 Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER18 FERROXCUBE-ER18 Datasheet
49Kb / 4P
   Planar ER cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com