Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL-D3W-K Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # BAL-D3W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

BAL-D3W-K Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  BAL-D3W-K Datasheet HTML 1Page - Fujitsu Component Limited. BAL-D3W-K Datasheet HTML 2Page - Fujitsu Component Limited. BAL-D3W-K Datasheet HTML 3Page - Fujitsu Component Limited. BAL-D3W-K Datasheet HTML 4Page - Fujitsu Component Limited. BAL-D3W-K Datasheet HTML 5Page - Fujitsu Component Limited. BAL-D3W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s FEATURES
q
Slim type relay for high density mounting
q
CSA recognized
q
Conforms to IEC60950, Bellcore specification and FCC
Part 68
—Clearance more than 2.0 mm between coil and contacts
—Creepage more than 2.5 mm between coil and contacts
—Dielectric strength 2,000 VAC between coil and contacts
—Surge strength 3,000 V between coil and contacts (at 2
×
10
µs surge wave)
q
High sensitivity and low consumption power
q
Latching type available
q
High reliability—bifurcated contacts
q
Plastic sealed type
q
Conforms to UL (under approval)
q
SMT is available: BAS
(a)
Series Name
BA : BA Series
(b)
Operation Function
Nil : Standard type
L : Latching type
(c)
Number of Coil
Nil : Single winding type
D : Double winding type
(d)
Nominal Voltage
Refer to the COIL DATA CHART
(e)
Contact
W : Bifurcated type
(g)
Enclosure
K : Plastic sealed type
s ORDERING INFORMATION
BA
L
D
12
W
K
[Example]
(a)
(b) (*) (c) (d)
(e) (g)
Note: Actual marking omits the hyphen (-) of (*)
s SAFETY STANDARD AND FILE NUMBERS
CSA CERTIFIED NRTL/C to C22.2 No. 14 No. 950 (File No. LR35579), UL 508, 1950 (File No. E45026)
Relay type
Nominal voltage
Contact rating
BA
0.5 A
125 VAC
BAL
1.5 to 48 VDC
2 A
30 VDC
resistive
BALD
0.3 A
110 VDC
1
BA SERIES
MINIATURE RELAY
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)


Similar Part No. - BAL-D3W-K

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
BAL-0003 MARKIMICROWAVE-BAL-0003 Datasheet
643Kb / 6P
   BROADBAND BALUN (200 kHz to 3 GHz)
BAL-0003SMG MARKIMICROWAVE-BAL-0003SMG Datasheet
730Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
BAL-0006 MARKIMICROWAVE-BAL-0006 Datasheet
570Kb / 6P
   BROADBAND BALUN (200 kHz to 6 GHz)
BAL-0006SMG MARKIMICROWAVE-BAL-0006SMG Datasheet
780Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
BAL-0009SMG MARKIMICROWAVE-BAL-0009SMG Datasheet
784Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
More results

Similar Description - BAL-D3W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com