Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL-D1.5W-K Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # BAL-D1.5W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

BAL-D1.5W-K Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  BAL-D1.5W-K Datasheet HTML 1Page - Fujitsu Component Limited. BAL-D1.5W-K Datasheet HTML 2Page - Fujitsu Component Limited. BAL-D1.5W-K Datasheet HTML 3Page - Fujitsu Component Limited. BAL-D1.5W-K Datasheet HTML 4Page - Fujitsu Component Limited. BAL-D1.5W-K Datasheet HTML 5Page - Fujitsu Component Limited. BAL-D1.5W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
BA SERIES
s REFERENCE DATA
100
60
40
20
0
123
4
5
6
7
80
Distribution of Operate & Release Time
Time (ms)
BA-5W-K
n=200
Operate
Release


Similar Part No. - BAL-D1.5W-K

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
BAL-0003 MARKIMICROWAVE-BAL-0003 Datasheet
643Kb / 6P
   BROADBAND BALUN (200 kHz to 3 GHz)
BAL-0003SMG MARKIMICROWAVE-BAL-0003SMG Datasheet
730Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
BAL-0006 MARKIMICROWAVE-BAL-0006 Datasheet
570Kb / 6P
   BROADBAND BALUN (200 kHz to 6 GHz)
BAL-0006SMG MARKIMICROWAVE-BAL-0006SMG Datasheet
780Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
BAL-0009SMG MARKIMICROWAVE-BAL-0009SMG Datasheet
784Kb / 9P
   SURFACE-MOUNT BROADBAND BALUN
More results

Similar Description - BAL-D1.5W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com