Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5220 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 5220
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5220 Datasheet(HTML) 4 Page - Schurter Inc.

  5220 Datasheet HTML 1Page - Schurter Inc. 5220 Datasheet HTML 2Page - Schurter Inc. 5220 Datasheet HTML 3Page - Schurter Inc. 5220 Datasheet HTML 4Page - Schurter Inc. 5220 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

Power Entry Modules with Line Filter
5220
www.schurter.com/pg06
EMC Products
Variants
Socketandfuse-carrierincluded
Rated Current
[A]
Filter-Type
Panel mounting
Fuseholder
Order Number
1
Standard Version
Screw
2-pole
5220.0123.1
2
Standard Version
Screw
2-pole
5220.0223.1
4
Standard Version
Screw
2-pole
5220.0423.1
6
Standard Version
Screw
2-pole
5220.0623.1
8
Standard Version
Screw
2-pole
5220.0823.1
10
Standard Version
Screw
2-pole
5220.1023.1
1
Standard Version
Snap-in
2-pole
5220.0143.1
2
Standard Version
Snap-in
2-pole
5220.0243.1
4
Standard Version
Snap-in
2-pole
5220.0443.1
6
Standard Version
Snap-in
2-pole
5220.0643.1
8
Standard Version
Snap-in
2-pole
5220.0843.1
10
Standard Version
Snap-in
2-pole
5220.1043.1
1
Medical Version (M5)
Screw
2-pole
5220.0123.3
2
Medical Version (M5)
Screw
2-pole
5220.0223.3
4
Medical Version (M5)
Screw
2-pole
5220.0423.3
6
Medical Version (M5)
Screw
2-pole
5220.0623.3
8
Medical Version (M5)
Screw
2-pole
5220.0823.3
10
Medical Version (M5)
Screw
2-pole
5220.1023.3
1
Medical Version (M5)
Snap-in
2-pole
5220.0143.3
2
Medical Version (M5)
Snap-in
2-pole
5220.0243.3
4
Medical Version (M5)
Snap-in
2-pole
5220.0443.3
6
Medical Version (M5)
Snap-in
2-pole
5220.0643.3
8
Medical Version (M5)
Snap-in
2-pole
5220.0843.3
10
Medical Version (M5)
Snap-in
2-pole
5220.1043.3
Packaging unit
10Pcs
Accessories
Description
Assorted Covers
Rear Cover
0859.0075
Cord retaining kits
Cord retaining strain relief
Countersunk, B
4700.0002


Similar Part No. - 5220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5220 ETC2-5220 Datasheet
457Kb / 1P
   BATTERY CONTACTS FOR MOLDED CASES
logo
Pomona Electronics
5220 POMONA-5220 Datasheet
139Kb / 1P
   Pin Clips
logo
3M Electronics
5220 3M-5220 Datasheet
38Kb / 2P
   DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
Schurter Inc.
5220 SCHURTER-5220 Datasheet
591Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results

Similar Description - 5220

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_17 Datasheet
591Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_V02 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
04.01.2022
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com