Electronic Components Datasheet Search |
|
FBR51ND09-WR Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
FBR51ND09-WR Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 5 page 2 FBR51 (–WR) SERIES FBR-51, 512 (WR) HAS BEEN DISCONTINUED - WILL BE REPLACED BY FBR-51, 512 (WF) SERIES s SPECIFICATIONS Item FBR51 Series Contact Arrangement 1 form A Material Special contact Voltage Drop (resistance) Maximum 100 mV (at 1 A 12 VDC) Ratings 14 VDC–135 W (load: tungsten lamp) Maximum Carrying Current 25 A/ 1 hour (25 °C, 100% rated coil voltage) Max. Inrush Current (reference) 60 A Max. Switching Current (reference) 35 A 16 VDC Min. Switching Load*1 (reference) 6 VDC, 1 A Coil Operating Temperature –40 °C to + 85°C (no frost) Storage Temperature –40 °C to +100°C (no frost) Time Value Operate (at nominal voltage) Maximum 10 ms Release (at nominal voltage) Maximum 5 ms Life Mechanical 1 × 107 operations minimum Electrical 4 × 106 operations minimum 16 VDC inrush 28 A (0.5s ON, 0.5s OFF), 135 W (load: tungsten lamp) Other Vibration Resistance 10 to 55 Hz (double amplitude of 1.5 mm) Shock Misoperation 100 m/s2 Resistance Endurance 1,000 m/s2 Weight Approximately 6 g Polarity N.O. Terminal: (+)side COM. Terminal: (–)side *1 Values when switching a resistive load at normal room temperature and humidity and in a clean environment. The minimum switching load varies with the switching frequency and operating environment. s COIL DATA CHART MODEL Nominal Coil Must operate Thermal voltage resistance voltage resistance FBR51 Series ( ±10%) (at 20°C) FBR51ND09-WR 9 VDC 135 Ω 5.4 VDC (at 20 °C) 6.8 VDC (at 85 °C) FBR51ND10-WR 10 VDC 180 Ω 6.3 VDC (at 20 °C) 73 °C/W 7.9 VDC (at 85 °C) FBR51ND12-WR 12 VDC 240 Ω 7.3 VDC (at 20 °C) 9.2 VDC (at 85 °C) |
Similar Part No. - FBR51ND09-WR |
|
Similar Description - FBR51ND09-WR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |