Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR51 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FBR51
Description  COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR51 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FBR51 Datasheet HTML 1Page - Fujitsu Component Limited. FBR51 Datasheet HTML 2Page - Fujitsu Component Limited. FBR51 Datasheet HTML 3Page - Fujitsu Component Limited. FBR51 Datasheet HTML 4Page - Fujitsu Component Limited. FBR51 Datasheet HTML 5Page - Fujitsu Component Limited. FBR51 Datasheet HTML 6Page - Fujitsu Component Limited. FBR51 Datasheet HTML 7Page - Fujitsu Component Limited. FBR51 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FBR51, 52 SERIES
6. VIBRATION RESISTANCE CHARACTERISTICS
7. SHOCK RESISTANCE CHARACTERISTICS
FBR51
Y
Z
X
Frequency : 10~2000 Hz
Acceleration : 100 m/s2 max
Direction of vibration : see under diagram
Detection level : chatter > 100 µs
(m/s2)
10
50
100
10
50
100
500
1000
2000
5
1
0.5
0.1
0.01
Dual amplitude (mm)
Frequency (Hz)
Automotive
electronics standard
44 m/s2
Range where chattering occurs
N.O. contact
coil not energized
on X-direction
0
200
400
600
800
1,000
X1
X2
Y1
Y2
Z1
Z2
(m/s2)
Shock direction
: N.C. contact
(coil de-energized)
Shock application time : 11 ms, half-sine wave
Test material : coil, energized and de-energized
Shock direction : set under diagram
Detection level : chatter > 100 µs
FBR51
Z2
Z1
Y1
Y2
X2
X1
: N.C. Contact
(coil energized)
n
REFERENCE DATA
FBR52
n = 100
Operate
Release
Distribution of operate and release voltage
Nominal voltage multiplying factor (%)
80
60
40
20
0 10 20 30 40 50 60 70 80
0
FBR52
n = 100
Operate
Release
Distribution of operate and release time
Time (ms)
100
80
60
20
40
0 1 2 3 4 5 6 7 8
0
Contact resistance (m ohm)
Distribution of contact resistance
FBR52
n = 100
100
80
60
20
40
0 10 20 30 40 50 60 70 80
0


Similar Part No. - FBR51

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR512 FUJITSU-FBR512 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
FBR512 FUJITSU-FBR512 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FBR512ND06-W1 FUJITSU-FBR512ND06-W1 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
More results

Similar Description - FBR51

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com