Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASL-3W-K Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # ASL-3W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

ASL-3W-K Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  ASL-3W-K Datasheet HTML 1Page - Fujitsu Component Limited. ASL-3W-K Datasheet HTML 2Page - Fujitsu Component Limited. ASL-3W-K Datasheet HTML 3Page - Fujitsu Component Limited. ASL-3W-K Datasheet HTML 4Page - Fujitsu Component Limited. ASL-3W-K Datasheet HTML 5Page - Fujitsu Component Limited. ASL-3W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
AS SERIES
NOT
FOR
NEW
DESIGNS
s DIMENSIONS
q Dimensions
q Schematics
(TOP VIEW)
q PC board mounting
pad layout
(TOP VIEW)
AS, ASL type (Non-latching type, single winding latching type)
ASL-D type (Double winding latching type)
s RECOMMENDED SOLDERING CONDITIONS
(TEMPERATURE PROFILE)
Note:
1. Temperature profiles show the temperature of the PC board sur-
face.
2. Please perform soldering test with your actual PC board before
mass production, since the temperatures of PC board surfaces
vary according to the size of PC board, status of parts mounting
and heating method.
Unit: mm


Similar Part No. - ASL-3W-K

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL-0100 ASTRODYNE-ASL-0100 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0100 ASTRODYNE-ASL-0100 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0101 ASTRODYNE-ASL-0101 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0101 ASTRODYNE-ASL-0101 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0102 ASTRODYNE-ASL-0102 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
More results

Similar Description - ASL-3W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com