Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E38-3F4-A1600-E Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # E38-3F4-A1600-E
Description  Planar E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E38-3F4-A1600-E Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  E38-3F4-A1600-E Datasheet HTML 1Page - Ferroxcube International Holding B.V. E38-3F4-A1600-E Datasheet HTML 2Page - Ferroxcube International Holding B.V. E38-3F4-A1600-E Datasheet HTML 3Page - Ferroxcube International Holding B.V. E38-3F4-A1600-E Datasheet HTML 4Page - Ferroxcube International Holding B.V. E38-3F4-A1600-E Datasheet HTML 5Page - Ferroxcube International Holding B.V. E38-3F4-A1600-E Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008 Sep 01
3
Ferroxcube
Planar E cores and accessories
E58/11/38
Core halves for use in combination with an E core
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 40
±20 N, unless stated
otherwise.
Note
1.
Measured in combination with an equal gapped E core half, clamping force for AL measurements, 40 ±20 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C90
315
±3%(1)
≈ 67
≈ 1400
E58/11/38-3C90-E315-E
400
±3%(1)
≈ 85
≈ 1100
E58/11/38-3C90-E400-E
630
±5%(1)
≈ 134
≈ 650
E58/11/38-3C90-E630-E
1000
±5%
≈ 213
≈ 400
E58/11/38-3C90-A1000-E
1600
±10%
≈ 341
≈ 200
E58/11/38-3C90-A1600-E
8480
±25%
≈ 1800
≈ 0
E58/11/38-3C90
3C92
6600
±25%
≈ 1410
≈ 0
E58/11/38-3C92
3C93
7710
±25%
≈ 1640
≈ 0
E58/11/38-3C93
3C94
315
±3%(1)
≈ 67
≈ 1400
E58/11/38-3C94-E315-E
400
±3%(1)
≈ 85
≈ 1100
E58/11/38-3C94-E400-E
630
±5%(1)
≈ 134
≈ 650
E58/11/38-3C94-E630-E
1000
±5%
≈ 213
≈ 400
E58/11/38-3C94-A1000-E
1600
±10%
≈ 341
≈ 200
E58/11/38-3C94-A1600-E
8480
±25%
≈ 1800
≈ 0
E58/11/38-3C94
3C95
10330
±25%
≈ 2150
≈ 0
E58/11/38-3C95
3F3
315
±3%(1)
≈ 67
≈ 1400
E58/11/38-3F3-E315-E
400
±3%(1)
≈ 85
≈ 1100
E58/11/38-3F3-E400-E
630
±5%(1)
≈ 134
≈ 650
E58/11/38-3F3-E630-E
1000
±5%
≈ 213
≈ 400
E58/11/38-3F3-A1000-E
1600
±10%
≈ 341
≈ 200
E58/11/38-3F3-A1600-E
7710
±25%
≈ 1640
≈ 0
E58/11/38-3F3
3F4
315
±3%(1)
≈ 67
≈ 1400
E58/11/38-3F4-E315-E
400
±3%(1)
≈ 85
≈ 1100
E58/11/38-3F4-E400-E
630
±5%(1)
≈ 134
≈ 650
E58/11/38-3F4-E630-E
1000
±5%
≈ 213
≈ 400
E58/11/38-3F4-A1000-E
1600
±10%
≈ 341
≈ 200
E58/11/38-3F4-A1600-E
4030
±25%
≈ 860
≈ 0
E58/11/38-3F4


Similar Part No. - E38-3F4-A1600-E

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E38-3F4-A1000-E FERROXCUBE-E38-3F4-A1000-E Datasheet
56Kb / 6P
   Planar E cores and accessories
More results

Similar Description - E38-3F4-A1600-E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E22-3C90-A160-E FERROXCUBE-E22-3C90-A160-E Datasheet
67Kb / 7P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com