Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E19-3C90 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E19-3C90
Description  E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E19-3C90 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E19-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E19-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E19-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E19-3C90 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E19-3C90 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E19-3C90 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
2
Ferroxcube
E cores and accessories
E56/24/19
(E75)
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.320
mm−1
Ve
effective volume
36000
mm3
Ie
effective length
107
mm
Ae
effective area
337
mm2
Amin
minimum area
337
mm2
m
mass of core half
≈ 90
g
handbook, halfpage
CBW070
56.1
±1
38.1 min.
14.6
±0.13
18.8
±0.25
23.6
±0.25
18.8
±0.25
Fig.1 E56/24/19 core half.
Dimensions in mm.
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements 60
±20 N, unless stated
otherwise.
Note
1.
Measured in combination with an equal gapped core half.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
100
±5%(1)
≈ 25
≈ 7780
E56/24/19-3C81-E100
160
±5%(1)
≈ 40
≈ 4160
E56/24/19-3C81-E160
250
±5%(1)
≈ 63
≈ 2320
E56/24/19-3C81-E250
315
±5%(1)
≈ 80
≈ 1720
E56/24/19-3C81-E315
400
±8%(1)
≈ 101
≈ 1280
E56/24/19-3C81-E400
630
±10%(1)
≈ 159
≈ 740
E56/24/19-3C81-E630
9500
±25%
≈ 2400
≈ 0
E56/24/19-3C81
3C90
100
±5%(1)
≈ 25
≈ 7780
E56/24/19-3C90-E100
160
±5%(1)
≈ 40
≈ 4160
E56/24/19-3C90-E160
250
±5%(1)
≈ 63
≈ 2320
E56/24/19-3C90-E250
315
±5%(1)
≈ 80
≈ 1720
E56/24/19-3C90-E315
400
±8%(1)
≈ 101
≈ 1280
E56/24/19-3C90-E400
630
±10%(1)
≈ 159
≈ 740
E56/24/19-3C90-E630
6900
±25%
≈ 1740
≈ 0
E56/24/19-3C90
3C91
9500
±25%
≈ 2400
≈ 0
E56/24/19-3C91
3C92
5200
±25%
≈ 1320
≈ 0
E56/24/19-3C92
3C94
6900
±25%
≈ 1740
≈ 0
E56/24/19-3C94
3C95
9500
±25%
≈ 2400
≈ 0
E56/24/19-3C95


Similar Part No. - E19-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E19-3C90 FERROXCUBE-E19-3C90 Datasheet
62Kb / 6P
   E cores and accessories
E19-3C90 FERROXCUBE-E19-3C90 Datasheet
55Kb / 5P
   E cores and accessories
E19-3C90-A100 FERROXCUBE-E19-3C90-A100 Datasheet
62Kb / 6P
   E cores and accessories
E19-3C90-A160 FERROXCUBE-E19-3C90-A160 Datasheet
62Kb / 6P
   E cores and accessories
E19-3C90-A160 FERROXCUBE-E19-3C90-A160 Datasheet
55Kb / 5P
   E cores and accessories
More results

Similar Description - E19-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com