Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAT30XGSF20SC102K Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # RAT30XGSF20SC102K
Description  30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RAT30XGSF20SC102K Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  RAT30XGSF20SC102K Datasheet HTML 1Page - TOCOSAMERICA, INC. RAT30XGSF20SC102K Datasheet HTML 2Page - TOCOSAMERICA, INC. RAT30XGSF20SC102K Datasheet HTML 3Page - TOCOSAMERICA, INC. RAT30XGSF20SC102K Datasheet HTML 4Page - TOCOSAMERICA, INC. RAT30XGSF20SC102K Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
66
Unit: mm
Dimensions
RA30 Series
RAT30YG
Panel Mount, Ganged Tandem Unit with Center Tap, Single Shaft
Right Angle Ear-Lug Terminals, Tap Lug Terminal 105 from Terminal #1
RA30YD
Panel Mount, Dual Unit, Dual Concentric Shaft
Right Angle Ear-Lug Terminals on Each Unit
RA30YT
Panel Mount, Triple Unit, Single Shaft
Right Angle Ear-Lug Terminals on Each Unit
Recommended
Panel Mounting Holes
Recommended
Panel Mounting Holes
Recommended
Panel Mounting Holes


Similar Part No. - RAT30XGSF20SC102K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RAT1010X ETC2-RAT1010X Datasheet
47Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
RAT1010X-3DB-C-B ETC2-RAT1010X-3DB-C-B Datasheet
47Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
logo
TDK Electronics
RatedVoltageEdc:50V TDK-RatedVoltageEdc:50V Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - RAT30XGSF20SC102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com