Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV24YL15RB102K Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # RV24YL15RB102K
Description  24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV24YL15RB102K Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  RV24YL15RB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. RV24YL15RB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. RV24YL15RB102K Datasheet HTML 3Page - TOCOSAMERICA, INC. RV24YL15RB102K Datasheet HTML 4Page - TOCOSAMERICA, INC. RV24YL15RB102K Datasheet HTML 5Page - TOCOSAMERICA, INC. RV24YL15RB102K Datasheet HTML 6Page - TOCOSAMERICA, INC. RV24YL15RB102K Datasheet HTML 7Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Unit: mm
Dimensions
RV24 Series
RV24YGME
Panel Mount, Ganged Tandem Unit with Switch, Single Shaft
Right Angle Ear-Lug Terminals on Each Unit, Rear Exit Lug Terminals for 1A SPDT Switch
RV24YD
Panel Mount, Dual Unit, Dual Concentric Shaft
Right Angle Ear-Lug Terminals on Each Unit
RV24YT
Panel Mount, Triple Unit, Single Shaft
Right Angle Ear-Lug Terminals on Each Unit
Recommended
Panel Mounting Holes
Recommended
Panel Mounting Holes
Recommended
Panel Mounting Holes
39


Similar Part No. - RV24YL15RB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV24 TOCOS-RV24 Datasheet
454Kb / 1P
   Waterproof type
logo
Laird Tech Smart Techno...
RV24-5RD LSTD-RV24-5RD Datasheet
510Kb / 1P
   Can mount on left or right side
logo
Stackpole Electronics, ...
RV241K05 SEI-RV241K05 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV241K07 SEI-RV241K07 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV241K10 SEI-RV241K10 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
More results

Similar Description - RV24YL15RB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV102 TOCOS-RV102 Datasheet
514Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com