Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E22-A160-P Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # E22-A160-P
Description  Planar E cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E22-A160-P Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  E22-A160-P Datasheet HTML 1Page - Ferroxcube International Holding B.V. E22-A160-P Datasheet HTML 2Page - Ferroxcube International Holding B.V. E22-A160-P Datasheet HTML 3Page - Ferroxcube International Holding B.V. E22-A160-P Datasheet HTML 4Page - Ferroxcube International Holding B.V. E22-A160-P Datasheet HTML 5Page - Ferroxcube International Holding B.V. E22-A160-P Datasheet HTML 6Page - Ferroxcube International Holding B.V. E22-A160-P Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2008 Sep 01
3
Ferroxcube
Planar E cores and accessories
E22/6/16
Core halves for use in combination with an non-gapped E core
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 20
±10 N, using
a PCB coil containing 5 layers of 20 tracks each, total height 2.5 mm.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
160
±3%
≈ 53
≈ 900
E22/6/16-3C90-A160-E
250
±3%
≈ 82
≈ 490
E22/6/16-3C90-A250-E
315
±3%
≈ 104
≈ 360
E22/6/16-3C90-A315-E
400
±5%
≈ 132
≈ 280
E22/6/16-3C90-A400-E
630
±8%
≈ 208
≈ 160
E22/6/16-3C90-A630-E
5150
±25%
≈ 1700
≈ 0
E22/6/16-3C90
3C92
3700
±25%
≈ 1220
≈ 0
E22/6/16-3C92
3C93
4300
±25%
≈ 1420
≈ 0
E22/6/16-3C93
3C94
160
±3%
≈ 53
≈ 900
E22/6/16-3C94-A160-E
250
±3%
≈ 82
≈ 490
E22/6/16-3C94-A250-E
315
±3%
≈ 104
≈ 360
E22/6/16-3C94-A315-E
400
±5%
≈ 132
≈ 280
E22/6/16-3C94-A400-E
630
±8%
≈ 208
≈ 160
E22/6/16-3C94-A630-E
5150
±25%
≈ 1700
≈ 0
E22/6/16-3C94
3C95
6220
±25%
≈ 2050
≈ 0
E22/6/16-3C95
3C96
4600
±25%
≈ 1520
≈ 0
E22/6/16-3C96
3F3
160
±3%
≈ 53
≈ 900
E22/6/16-3F3-A160-E
250
±3%
≈ 82
≈ 490
E22/6/16-3F3-A250-E
315
±3%
≈ 104
≈ 360
E22/6/16-3F3-A315-E
400
±5%
≈ 132
≈ 280
E22/6/16-3F3-A400-E
630
±8%
≈ 208
≈ 160
E22/6/16-3F3-A630-E
4300
±25%
≈ 1420
≈ 0
E22/6/16-3F3
3F35
3500
±25%
≈ 1160
≈ 0
E22/6/16-3F35
3F4
160
±3%
≈ 53
≈ 900
E22/6/16-3F4-A160-E
250
±3%
≈ 82
≈ 490
E22/6/16-3F4-A250-E
315
±3%
≈ 104
≈ 360
E22/6/16-3F4-A315-E
400
±5%
≈ 132
≈ 280
E22/6/16-3F4-A400-E
630
±8%
≈ 208
≈ 160
E22/6/16-3F4-A630-E
2400
±25%
≈ 790
≈ 0
E22/6/16-3F4
3F45
2400
±25%
≈ 790
≈ 0
E22/6/16-3F45
3E6
22000
+40/−30%
≈ 7250
≈ 0
E22/6/16-3E6


Similar Part No. - E22-A160-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E22-01 OMRON-E22-01 Datasheet
374Kb / 4P
   Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Ferroxcube Internationa...
E22-3C90 FERROXCUBE-E22-3C90 Datasheet
46Kb / 3P
   EI cores
logo
FERYSTER Inductive Comp...
E22-6-16 FERYSTER-E22-6-16 Datasheet
46Kb / 7P
   Planar E cores and accessories
logo
Richco, Inc.
E22-CL RICHCO-E22-CL Datasheet
52Kb / 1P
   E CLAMPS
More results

Similar Description - E22-A160-P

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com