Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-3F3 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part No. E32-3F3
Description  Planar E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E32-3F3 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  E32-3F3 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E32-3F3 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E32-3F3 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E32-3F3 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E32-3F3 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E32-3F3 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008 Sep 01
3
Ferroxcube
Planar E cores and accessories
E32/6/20
Core halves for use in combination with an E core
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 30
±10 N,
unless stated otherwise.
Note
1.
Measured in combination with an equal gapped E core half, clamping force for AL measurements, 30
±10 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C90
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3C90-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3C90-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3C90-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3C90-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3C90-A630-E
6425
±25%
≈ 1650
≈ 0
E32/6/20-3C90
3C92
5000
±25%
≈ 1290
≈ 0
E32/6/20-3C92
3C93
5900
±25%
≈ 1520
≈ 0
E32/6/20-3C93
3C94
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3C94-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3C94-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3C94-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3C94-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3C94-A630-E
6425
±25%
≈ 1650
≈ 0
E32/6/20-3C94
3C95
7690
±25%
≈ 1950
≈ 0
E32/6/20-3C95
3C96
6425
±25%
≈ 1650
≈ 0
E32/6/20-3C96
3F3
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3F3-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3F3-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3F3-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3F3-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3F3-A630-E
5900
±25%
≈ 1520
≈ 0
E32/6/20-3F3
3F4
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3F4-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3F4-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3F4-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3F4-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3F4-A630-E
3200
±25%
≈ 820
≈ 0
E32/6/20-3F4


Similar Part No. - E32-3F3

ManufacturerPart No.DatasheetDescription
Ferroxcube International Holding B.V.
Ferroxcube Internationa...
E32-3F3 FERROXCUBE-E32-3F3 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3F3-A160-P FERROXCUBE-E32-3F3-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3F3-A160-P FERROXCUBE-E32-3F3-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
E32-3F3-A250-P FERROXCUBE-E32-3F3-A250-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3F3-A250-P FERROXCUBE-E32-3F3-A250-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-3F3

ManufacturerPart No.DatasheetDescription
Ferroxcube International Holding B.V.
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
FERYSTER Inductive Components Manufacturer
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
Ferroxcube International Holding B.V.
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
FERYSTER Inductive Components Manufacturer
FERYSTER Inductive Comp...
E18-4-10 FERYSTER-E18-4-10 Datasheet
67Kb / 10P
   Planar E cores and accessories
Ferroxcube International Holding B.V.
Ferroxcube Internationa...
E14-3C90-A63-E FERROXCUBE-E14-3C90-A63-E Datasheet
85Kb / 10P
   Planar E cores and accessories
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz