Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E22-3F4-A315-E Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E22-3F4-A315-E
Description  Planar E cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E22-3F4-A315-E Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E22-3F4-A315-E Datasheet HTML 1Page - Ferroxcube International Holding B.V. E22-3F4-A315-E Datasheet HTML 2Page - Ferroxcube International Holding B.V. E22-3F4-A315-E Datasheet HTML 3Page - Ferroxcube International Holding B.V. E22-3F4-A315-E Datasheet HTML 4Page - Ferroxcube International Holding B.V. E22-3F4-A315-E Datasheet HTML 5Page - Ferroxcube International Holding B.V. E22-3F4-A315-E Datasheet HTML 6Page - Ferroxcube International Holding B.V. E22-3F4-A315-E Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008 Sep 01
2
Ferroxcube
Planar E cores and accessories
E22/6/16
CORES
Effective core parameters of a set of E cores
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.414
mm−1
Ve
effective volume
2550
mm3
Ie
effective length
32.5
mm
Ae
effective area
78.3
mm2
Amin
minimum area
78.3
mm2
m
mass of core half
≈ 6.5
g
handbook, halfpage
MBE646
21.8
± 0.4
16.8
± 0.4
3.2
± 0.1
15.8
± 0.3
R 0.8 (12x)
5.7
± 0.1
5
± 0.1
Fig.1 E22/6/16.
Dimensions in mm.
Effective core parameters of an E/PLT combination
Ordering information for plates
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.332
mm−1
Ve
effective volume
2040
mm3
Ie
effective length
26.1
mm
Ae
effective area
78.5
mm2
Amin
minimum area
78.5
mm2
m
mass of plate
≈ 4g
GRADE
TYPE NUMBER
3C90
PLT22/16/2.5-3C90
3C92
PLT22/16/2.5-3C92
3C93
PLT22/16/2.5-3C93
3C94
PLT22/16/2.5-3C94
3C95
PLT22/16/2.5-3C95
3C96
PLT22/16/2.5-3C96
3F3
PLT22/16/2.5-3F3
3F35
PLT22/16/2.5-3F35
3F4
PLT22/16/2.5-3F4
3F45
PLT22/16/2.5-3F45
3E6
PLT22/16/2.5-3E6
handbook, halfpage
MBE654
21.8
± 0.4
15.8
± 0.3
2.5
± 0.05
R 0.8
Fig.2 PLT22/16/2.5.
Dimensions in mm.


Similar Part No. - E22-3F4-A315-E

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E22-3C90 FERROXCUBE-E22-3C90 Datasheet
46Kb / 3P
   EI cores
More results

Similar Description - E22-3F4-A315-E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com