Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16821A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT16821A
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT16821A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT16821A Datasheet HTML 3Page - NXP Semiconductors 74ABT16821A Datasheet HTML 4Page - NXP Semiconductors 74ABT16821A Datasheet HTML 5Page - NXP Semiconductors 74ABT16821A Datasheet HTML 6Page - NXP Semiconductors 74ABT16821A Datasheet HTML 7Page - NXP Semiconductors 74ABT16821A Datasheet HTML 8Page - NXP Semiconductors 74ABT16821A Datasheet HTML 9Page - NXP Semiconductors 74ABT16821A Datasheet HTML 10Page - NXP Semiconductors 74ABT16821A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74ABT16821A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 March 2010
7 of 16
NXP Semiconductors
74ABT16821A
20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
9.
Static characteristics
[1]
For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
[2]
This parameter is valid for any VCC between 0 V and 2.1 V, with a transition time of up to 10 ms. From VCC = 2.1 V to VCC = 5 V ± 10 %
a transition time of up to 100
μs is permitted.
[3]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[4]
This is the increase in supply current for each input at 3.4 V.
Table 6.
Static characteristics
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage VCC = 4.5 V; IIK = −18 mA
−1.2
−0.9
-
−1.2
-
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
2.9
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
3.4
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.4
-
2.0
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL =64mA;
VI =VIL or VIH
-
0.36
0.55
-
0.55
V
VOL(pu)
power-up LOW-level
output voltage
VCC = 5.5 V; IO =1mA;
VI =GND or VCC
[1]
-
0.13
0.55
-
0.55
V
II
input leakage current
VCC =5.5 V; VI =VCC or GND
-
±0.01 ±1.0
-
±1.0
μA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
μA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.1 V; VO =0.5 V;
VI =GND or VCC; nOE don’t care
[2]
-
±5.0
±50
-
±50
μA
IOZ
OFF-state output
current
VCC = 5.5 V; VI = VIL or VIH
output HIGH-state at VO = 2.7 V
-
1.0
10
-
10
μA
output LOW-state at VO = 0.5 V
-
−1.0
−10
-
−10
μA
ILO
output leakage current HIGH-state; VO =5.5 V;
VCC =5.5 V; VI =GND or VCC
-5.0
50
-
50
μA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[3]
−180
−90
−50
−180
−50
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.5
1.0
-
1.0
mA
outputs LOW-state
-
10
19
-
19
mA
outputs 3-state
-
0.5
1.0
-
1.0
mA
ΔI
CC
additional supply
current
per input pin; VCC = 5.5 V; one input
at 3.4 V and other inputs at VCC or
GND
[4]
-
0.25
1.5
-
1.5
mA
CI
input capacitance
VI =0V or VCC
-3-
-
-
CO
output capacitance
outputs disabled; VO =0 V or VCC
-7-
-
-


Similar Part No. - 74ABT16821A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16821A PHILIPS-74ABT16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT16821ADGG PHILIPS-74ABT16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT16821ADL PHILIPS-74ABT16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
More results

Similar Description - 74ABT16821A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ABT16821A PHILIPS-74ABT16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com