Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E19-3C81-E100 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E19-3C81-E100
Description  E cores and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E19-3C81-E100 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E19-3C81-E100 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E19-3C81-E100 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E19-3C81-E100 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E19-3C81-E100 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E19-3C81-E100 Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008 Sep 01
342
Ferroxcube
E cores and accessories
E19/8/9
(813E343)
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.960
mm−1
Ve
effective volume
1650
mm3
Ie
effective length
39.9
mm
Ae
effective area
41.3
mm2
Amin
minimum area
41.1
mm2
m
mass of core half
≈ 4.0
g
handbook, halfpage
CBW014
19.05
±0.38
14.33
±0.3
5.69
±0.13
8.71
±0.13
8.05
±0.13
4.75
±0.13
Fig.1 E19/8/9 core half.
Dimensions in mm.
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 20
±10 N,
unless otherwise stated.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
63
±5%(1)
≈ 48
≈ 1280
E19/8/9-3C81-E63
100
±8%(1)
≈ 77
≈ 700
E19/8/9-3C81-E100
160
±8%
≈123
≈ 390
E19/8/9-3C81-A160
250
±15%
≈ 192
≈ 220
E19/8/9-3C81-A250
315
±15%
≈ 242
≈ 170
E19/8/9-3C81-A315
2740
±25%
≈ 2680
≈ 0
E19/8/9-3C81
3C90
63
±5%(1)
≈ 48
≈ 1300
E19/8/9-3C90-E63
100
±8%(1)
≈ 77
≈ 700
E19/8/9-3C90-E100
160
±8%
≈123
≈ 380
E19/8/9-3C90-A160
250
±15%
≈ 192
≈ 220
E19/8/9-3C90-A250
315
±15%
≈ 240
≈170
E19/8/9-3C90-A315
2150
±25%
≈ 2100
≈ 0
E19/8/9-3C90
3C91
2740
±25%
≈ 2680
≈ 0
E19/8/9-3C91
3C92
1640
±25%
≈ 1250
≈ 0
E19/8/9-3C92
3C94
2150
±25%
≈ 2100
≈ 0
E19/8/9-3C94
3C96
1830
±25%
≈ 1410
≈ 0
E19/8/9-3C96


Similar Part No. - E19-3C81-E100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E19-3C81-E100 FERROXCUBE-E19-3C81-E100 Datasheet
60Kb / 6P
   E cores and accessories
More results

Similar Description - E19-3C81-E100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com