Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV16YLMH10FB103K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RV16YLMH10FB103K
Description  16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV16YLMH10FB103K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RV16YLMH10FB103K Datasheet HTML 1Page - TOCOSAMERICA, INC. RV16YLMH10FB103K Datasheet HTML 2Page - TOCOSAMERICA, INC. RV16YLMH10FB103K Datasheet HTML 3Page - TOCOSAMERICA, INC. RV16YLMH10FB103K Datasheet HTML 4Page - TOCOSAMERICA, INC. RV16YLMH10FB103K Datasheet HTML 5Page - TOCOSAMERICA, INC. RV16YLMH10FB103K Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
19
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . B = 100
Ω to 2MΩ
A,C = 2k
Ω to 2MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . B = linear; A = CW audio (logarithm);
C = CCW audio (logarithm)
Peak Noise (C.R.V.) . . . . . . . 3% or 3
Ω, whichever is greater
Power Rating . . . . . . . . . . . . . B = 0.1 watt; A,C = 0.05 watt
at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . . . . 200VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 240
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260
10
Shaft Torque
Single Unit . . . . . 20.4 to 204 gf cm (0.283 to 2.828 oz in)
Other Units . . . . 20.4 to 357 gf cm (0.283 to 4.949 oz in)
Stop Strength . . . . . . . . . . . 3.06 kgf cm (42.42 oz in) max.
Mounting Nut Torque . . . . . 10.2 kgf cm (141.4 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . . . . . . . . . Model type, taper, resistance code,
terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Low Temperature Exposure . . .
10 C, 1 hour without load
∆T/R ) 2.5%
Load Life . . . . . . . . . .
40 C, 90 minutes on, 30 minutes off,
1,000 hours with rated load
∆T/R ) 15%
Moisture Resistance . . . . . . . . . . . . . . .
40 C, 90-95%RH,
96 hours without load
∆T/R ) 10%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . .
10 C~
85 C,
5 cycles without load
∆T/R ) 10%
Shock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50G, 11 m /s
∆T/R ) 2.5%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆T/R ) 2.5%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds;
260 C, 5 seconds (PCB units)
∆T/R ) 2%
Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock
models only) without load
∆T/R ) 10%
Standard Rotary Switches
Switch Rating . . . . . . . . . . . . . 110VAC, 0.5A, SPDT or SPST
Contact Resistance . . . . . . . . . . . . . . . . . . . . . . 0.05
Ω max.
Operating Torque . . . . . . . . 1,530 gf cm (21.21 oz in) max.
Operating Life . . . . . . . . . . . . . . . 10,000 cycles without load
∆T/R = Total Resistance Change
RV16 Series
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
16mm diameter, single-turn industrial panel controls
Carbon film element
Linear or audio tapers
Single and tandem units, single shaft; dual unit, dual shaft
Optional switch, center detent, and shaft lock available
3.2mm diameter metal shafts in slot, flat or round end styles
Standard 10mm or 15mm shaft length
Panel or PC board mounting styles
Lug or pin terminals
Right angle mount pin configurations
RV16YPL
RV16YN
RV16YNME


Similar Part No. - RV16YLMH10FB103K

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RV1-1203D10A1 RSG-RV1-1203D10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1203S10A1 RSG-RV1-1203S10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1205D10A1 RSG-RV1-1205D10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1205S10A1 RSG-RV1-1205S10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1207D10A1 RSG-RV1-1207D10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
More results

Similar Description - RV16YLMH10FB103K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
   Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
GF16 TOCOS-GF16 Datasheet
585Kb / 4P
   16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com