Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16244ADGG Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ABT16244ADGG
Description  16-bit buffer/line driver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT16244ADGG Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT16244ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 9Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 10Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 11Page - NXP Semiconductors 74ABT16244ADGG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
74ABT16244A_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 23 March 2009
8 of 13
NXP Semiconductors
74ABT16244A
16-bit buffer/line driver; 3-state
12. Test information
VM = 1.5 V.
a. Input pulse definition
Test data is given in Table 8.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
b. Test circuit for 3-state outputs
Fig 6.
Load circuitry for switching times
001aac221
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
10 %
tf
tr
tr
tf
001aac764
VCC
VI
VO
VEXT
RT
RL
RL
CL
PULSE
GENERATOR
DUT
Table 8.
Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
CL
RL
tPHZ, tPZH
tPLZ, tPZL
tPLH, tPHL
3.0 V
1 MHz
500 ns
2.5 ns
50 pF
500
open
7.0 V
open


Similar Part No. - 74ABT16244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16244ADGG PHILIPS-74ABT16244ADGG Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ABT16244ADGG NEXPERIA-74ABT16244ADGG Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
Texas Instruments
74ABT16244ADGGRG4 TI-74ABT16244ADGGRG4 Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABT16244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com